Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 64 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 64 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 60Page - Texas Instruments TCM4300IPZ Datasheet HTML 61Page - Texas Instruments TCM4300IPZ Datasheet HTML 62Page - Texas Instruments TCM4300IPZ Datasheet HTML 63Page - Texas Instruments TCM4300IPZ Datasheet HTML 64Page - Texas Instruments TCM4300IPZ Datasheet HTML 65Page - Texas Instruments TCM4300IPZ Datasheet HTML 66Page - Texas Instruments TCM4300IPZ Datasheet HTML 67Page - Texas Instruments TCM4300IPZ Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
4–29
4.24 Microcontroller Interface
The microcontroller interface of the TCM4300 is a general purpose bus interface (see Table 4–24) which
ensures compatibility with a wide range of microcontrollers, including the Mitsubshi M37700 series and most
Intel and Motorola series. The interface consists of a pair of microcontroller type select inputs MTS1 and
MTS0, address and data buses, as well as several input and output control signals that are designed to
operate in a manner compatible with the microcontroller selected by the user. See Sections 3.2 to 3.11 for
Interface timing requirements.
Table 4–24. Microcontroller Interface Configuration
POLARITY
MTS1
MTS0
MODE
DATA STROBE (DS)
ACTIVE
INTERRUPT/OUTPUT
ACTIVE
0
0
Intel
Low
(separate read and write)
High
1
0
Motorola 16-bit and Mitsubishi
Low
Low
0
1
Motorola 8-bit
High
Low
1
1
Reserved
N/A
N/A
The microcontroller interface of the TCM4300 is designed to allow direct connection to many
microcontrollers. Except for the interrupt terminals, it is designed to connect to microcontrollers in the same
manner as a memory device.
The internal chip select is asserted when MCCSH = 1 and MCCSL = 0.
4.24.1
Intel Microcontroller Mode Of Operation
When the microcontroller type select inputs MTS1 and MTS0 are both held low, the TCM4300 micro-
controller interface is configured into Intel mode (see Table 4-25). In this mode, the interface uses separate
read and write control strobes and active-high interrupt signals. The processor RD and WR strobe signals
should be connected to the TCM4300 MCDS signal and MCRW signal, respectively. The multiplexed
address and data buses of the microcontroller must be demultiplexed by external hardware. Table 4–25 lists
the microcontroller interface connections for Intel mode.
Table 4–25. Microcontroller Interface Connections for Intel Mode
TCM4300
TERMINAL
MICROCONTROLLER TERMINAL
MTS1, MTS0
Tie to logic level low
MCCSH
Not on microcontroller; can be used for address decoding
MCCSL
Not on microcontroller; can be used for address decoding
MCD7–MCD0
AD[7:0] data bus on microcontroller
MCA4–MCA0
Demultiplexed address bits not on microcontroller
MCRW
WR (Active-low write data strobe)
MCDS
RD (Active-low read data strobe) MCDS configured to active-low operation by MTS1 and MTS0. The
microcontroller bus must be demultiplexed by external hardware.
MWBDFINT
Either one of INT3 through INT0 as appropriate
DINT
Either one of INT3 through INT0 as appropriate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com