Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 32 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 32 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 28Page - Texas Instruments TCM4300IPZ Datasheet HTML 29Page - Texas Instruments TCM4300IPZ Datasheet HTML 30Page - Texas Instruments TCM4300IPZ Datasheet HTML 31Page - Texas Instruments TCM4300IPZ Datasheet HTML 32Page - Texas Instruments TCM4300IPZ Datasheet HTML 33Page - Texas Instruments TCM4300IPZ Datasheet HTML 34Page - Texas Instruments TCM4300IPZ Datasheet HTML 35Page - Texas Instruments TCM4300IPZ Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
3–10
3.9
TCM4300 to Microcontroller Interface Timing Requirements (Motorola 8-Bit
Write Cycle) (see Figure 3–9 and Note 5)
PARAMETER
ALTERNATE
SYMBOL
MIN
MAX
UNIT
tsu(R/W)
Setup time, read/write MCRW stable before rising edge of
strobe MCDS
TRW(SU)
0
ns
th(R/W)
Hold time, read/write MCRW stable after falling edge of
strobe MCDS
TRW(HO)
10
ns
tsu(WA)
Setup time, write address MCA stable before rising edge of
strobe MCDS
TWA(SU)
0
ns
th(WA)
Hold time, write address MCA stable after falling edge of
strobe MCDS
TWA(HO)
10
ns
tsu(W)
Setup time, write data stable MCD before falling edge of
strobe MCDS
TWD(SU)
14
ns
th(W)
Hold time, write data stable MCD after falling edge of
strobe MCDS
TWD(HO)
0
ns
tw(WSTB) Pulse duration, write strobe pulse width high on MCDS
TWR(STB)
60
ns
th(CS)
Hold time, chip select MCCSH and MCCSL stable before
rising edge of strobe MCDS
TCS(HO)
0
ns
tsu(CS)
Setup time, chip select MCCSH and MCCSL stable before
falling edge of strobe MCDS
TCS(SU)
0
ns
NOTE 5: Timings are based upon Motorola 68HC11D3 (3 MHz) and Motorola 68HC11G5 (2.1 MHz).
90%
10%
MCRW
10%
MCDS
(see Note A)
tsu(R / W)
th(R / W)
tsu(WA)
10%
10%
90%
tw(WSTB)
th(WA)
tsu(W)
th(W)
tsu(CS)
th(CS)
90%
90%
10%
10%
MCCSH
MCCSL
NOTE A: Chip selection is defined as both MCCS and MCDS active.
MCA0–MCA4
MCD0–MCD7
Figure 3–9. Microcontroller Interface Timing Requirements
(Motorola 8-Bit Write Cycle, MTS [1:0] = 01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com