Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 15 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 15 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 11Page - Texas Instruments TCM4300IPZ Datasheet HTML 12Page - Texas Instruments TCM4300IPZ Datasheet HTML 13Page - Texas Instruments TCM4300IPZ Datasheet HTML 14Page - Texas Instruments TCM4300IPZ Datasheet HTML 15Page - Texas Instruments TCM4300IPZ Datasheet HTML 16Page - Texas Instruments TCM4300IPZ Datasheet HTML 17Page - Texas Instruments TCM4300IPZ Datasheet HTML 18Page - Texas Instruments TCM4300IPZ Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
2–1
2 Electrical Specifications
This section lists the electrical specifications, the absolute maximum ratings, the recommended operating
conditions and operating characteristics for the TCM4300 Advanced RF Cellular Telephone Interface
Circuit.
2.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(unless otherwise noted)†
Supply voltage range:
DVDD (see Notes 1 and 2)
VSS –0.3 V to AVDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . .
AVDD (see Notes 2 and 3)
VSS –0.3 V to DVDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Digital signals
VSS –0.3 V to DVDD +0.3 V
. . . . . . . . . . . . . . . . .
Analog signals
VSS –0.3 V to AVDD +0.3 V
. . . . . . . . . . . . . . . .
Output voltage range, VO: Digital signals
VSS to DVDD
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog signals
VSS to AVDD
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated
under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect DVSS.
2. Maximum supplied voltage should not exceed 6 V.
3. Voltage values are with respect to AVSS.
2.2
Dissipation Rating Table
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 85°C
POWER RATING
PZ
1530 mW
15.25 mW/
°C
615 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com