Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 34 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 34 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 30Page - Texas Instruments TCM4300IPZ Datasheet HTML 31Page - Texas Instruments TCM4300IPZ Datasheet HTML 32Page - Texas Instruments TCM4300IPZ Datasheet HTML 33Page - Texas Instruments TCM4300IPZ Datasheet HTML 34Page - Texas Instruments TCM4300IPZ Datasheet HTML 35Page - Texas Instruments TCM4300IPZ Datasheet HTML 36Page - Texas Instruments TCM4300IPZ Datasheet HTML 37Page - Texas Instruments TCM4300IPZ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
3–12
3.11 Switching Characteristics, TCM4300 to DSP Interface (Write Cycle) (see
Figure 3–11)
PARAMETER
ALTERNATE
SYMBOL
MIN
MAX
UNIT
tsu(R/W)
Setup time, read/write DSPRW stable before falling edge of
strobe DSPSTRBL
TRW(SU)
0
ns
th(R/W)
Hold time, read/write DSPRW stable after rising edge of
strobe DSPSTRBL
TRW(HO)
0
ns
tsu(CS)
Setup time, chip select stable DSPCSL before falling edge
of strobe DSPSTRBL
TCS(SU)
0
ns
th(CS)
Hold time, chip select DSPCSL stable after rising edge of
strobe DSPSTRBL
TCS(HO)
0
ns
tsu(WA)
Setup time, write address DSPA stable before falling edge
of strobe DSPSTRBL
TWA(SU)
0
ns
th(WA)
Hold time, write address DSPA stable after rising edge of
strobe DSPSTRBL
TWA(HO)
0
ns
tsu(W)
Setup time, write data stable DSPD before rising edge of
strobe DSPSTRBL
TWD(SU)
3
ns
th(W)
Hold time, write data stable DSPD after rising edge of
strobe DSPSTRBL
TWD(HO)
0
ns
tw(WSTB) Pulse duration, write strobe pulse width low on DSPSTRBL
TWR(STB)
25
ns
90%
10%
tsu(W)
DSPA
DSPSTRBL
DSPD
10%
DSPCSL
DSPRW
th(WA)
tsu(WA)
10%
10%
90%
th(W)
tw(WSTB)
tsu(R / W)
tsu(CS)
th(CS)
th(R / W)
Figure 3–11. TCM4300 to DSP Interface (Write Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com