Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 53 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 53 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 49Page - Texas Instruments TCM4300IPZ Datasheet HTML 50Page - Texas Instruments TCM4300IPZ Datasheet HTML 51Page - Texas Instruments TCM4300IPZ Datasheet HTML 52Page - Texas Instruments TCM4300IPZ Datasheet HTML 53Page - Texas Instruments TCM4300IPZ Datasheet HTML 54Page - Texas Instruments TCM4300IPZ Datasheet HTML 55Page - Texas Instruments TCM4300IPZ Datasheet HTML 56Page - Texas Instruments TCM4300IPZ Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
4–18
Up to 31 data bits plus a latch enable (SYNLE0,1,2) can be programmed in one programming cycle. When
data greater than or equal to 32 bits must be programmed, TI recommends using two or more programming
cycles with data in each cycle and a latch enable in the final programming cycle. Two or more programming
cycles are recommended because all programming cycles must contain at least one SYNCLK pulse,
whereas the latch enable can be suppressed in any programming cycle.
Figure 4–9 shows an example of the synthesizer output signals. In this case, an 18-bit pattern, 0x10664,
was chosen to write into synthesizer 1 with a positive-going latch enable pulse at the eighteenth bit. In order
to do so, the microcontroller writes the values 00h into SynData0, 00h into SynData1, 99h into SynData2,
41h into SynData3, 52h into SynCtrl0, 31h into SynCtrl1, and 32h into SynCtrl2.
10
6
6
4
SYNCLK
SYNDTA
SYNLE1
SYNLE0, 2
SYNRDY
Figure 4–9. Example Synthesizer Output
4.13 Power Control Port
For systems requiring minimum system current consumption, power can be provided to each functional part
of the TCM4300 only when that function is required for proper system operation. To accomplish this, the
TCM4300 provides six external power control signals accessible through the DStatCtrl and MStatCtrl
registers. These signals can be used to minimize the on time of the functional units. These power control
signals are SCEN, FMRXEN, IQRXEN, TXEN, PAEN, and OUT1 (see Table 4–15). The polarity of each of
these signals is high enable, low disable.
Table 4-15. External Power Control Signals
NAME
SUGGESTED EXTERNAL APPLICATION
RESET
VALUE
SCEN
Speech codec (microphone/speaker interface circuit) enable
0
FMRXEN
FM demodulator enable
0
IQRXEN
I and Q receive enable. IQRXEN enables the QPSK demodulator and the AGC amplifier
0
TXEN
Transmit enable. TXEN enables power to the transmitter signal processing circuits: QPSK
modulator, voltage-controlled amplifier, driver amplifier, PA negative bias. This signal can
be used to enable these subsystems only during the transmit burst in digital mode.
0
OUT1
User defined
0
PAEN
Power amplifier enable. PAEN enables power to PA.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com