Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 7 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 3Page - Texas Instruments TCM4300IPZ Datasheet HTML 4Page - Texas Instruments TCM4300IPZ Datasheet HTML 5Page - Texas Instruments TCM4300IPZ Datasheet HTML 6Page - Texas Instruments TCM4300IPZ Datasheet HTML 7Page - Texas Instruments TCM4300IPZ Datasheet HTML 8Page - Texas Instruments TCM4300IPZ Datasheet HTML 9Page - Texas Instruments TCM4300IPZ Datasheet HTML 10Page - Texas Instruments TCM4300IPZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
1–1
1 Introduction
Texas Instruments (TI
) TCM4300 IS-54B advanced RF cellular telephone interface circuit (ARCTIC)
provides a baseband interface between the digital signal processor (DSP), the microcontroller, and the RF
modulator/demodulator in a dual-mode IS-54B cellular telephone. See the TCM4300 functional block
diagram.
In the analog mode, the TCM4300 provides all required baseband filtering as well as transmit D/A
conversion and receive A/D conversion using dual 10-bit sigma-delta converters. In addition, a wide-band
data (WBD) –10 kb/s Manchester frequency shift key (FSK) demodulator is provided to allow reduced DSP
processing load during subscriber standby mode.
In the digital mode, the TCM4300 accepts I and Q baseband data and performs A/D and D/A conversion
and square-root raised-cosine filtering using dual 10-bit sigma-delta converters. The TCM4300 also has a
π/4-DQPSK modulation encoder for dibit-to-symbol conversion in the digital transmit mode.
The microcontroller interface is compatible with a wide range of microcontrollers. A microcontroller can be
used to communicate with the user interface (keyboard, display, etc.) and to program up to three frequency
synthesizers by using the on-chip synthesizer interface circuit.
The TCM4300 provides advanced power control to minimize the power consumption of many dual-mode
telephone functional blocks such as the speech codec, FM receiver, I and Q demodulator, transmitter signal
processor, and RF power amplifier. In addition, the TCM4300 is designed to reduce system power
consumption through low-voltage operation and standby mode.
The TCM4300 is offered in the 100-pin PZ package and is characterized for free-air operation from
– 40
°C to 85°C.
1.1
Features
•
Compliance With TIA IS-54B Dual-Mode Cellular Standard
•
Baseband Transmit Digital-to-Analog (D/A) Conversion and Receive Analog-to-Digital (A/D)
Conversion in Analog Transmit Mode Using Dual 10-Bit Sigma-Delta Converters
•
Square Root Raised Cosine (SQRC) Filtering in the Digital Mode Using Dual 10-Bit Sigma-Delta
Converters
•π/4-Differential Quadrature Phase-Shift Key (DQPSK) Modulation Encoder in Digital Transmit
Mode
•
Power Control Supervision for Radio Frequency (RF) Power Amplifier, Automatic Frequency
Control (AFC), Automatic Gain Control (AGC), and Synthesizer
•
Received Signal Strength Indicator (RSSI) and Battery-Level A/D Conversion Circuitry
•
Internal Clock Generation
•
WBD Clock Recovery and Manchester Decoding
•
General-Purpose DSP and Microcontroller Interface
•
3.3-V and 5-V Operation
•
Low Power Consumption
TI and ARCTIC are trademarks of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com