Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 21 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 17Page - Texas Instruments TCM4300IPZ Datasheet HTML 18Page - Texas Instruments TCM4300IPZ Datasheet HTML 19Page - Texas Instruments TCM4300IPZ Datasheet HTML 20Page - Texas Instruments TCM4300IPZ Datasheet HTML 21Page - Texas Instruments TCM4300IPZ Datasheet HTML 22Page - Texas Instruments TCM4300IPZ Datasheet HTML 23Page - Texas Instruments TCM4300IPZ Datasheet HTML 24Page - Texas Instruments TCM4300IPZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
2–7
2.5.4
Transmit (TX) Channel Frequency Response (Analog Mode)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
0 kHz to 8 kHz (see Note 4)
±0.5
8 kHz to 15 kHz (see Note 4)
±0.5
Frequency response
20 kHz to 45 kHz (see Note 5)
– 31
dB
Frequency res onse
45 kHz to 75 kHz (see Note 5)
– 70
dB
> 75 kHz (see Note 5)
– 70
Any 30 kHz band centered at > 90 kHz (see Note 5)
– 70
Peak-to-peak group
delay distortion
0 kHz to 15 kHz
3
µs
Absolute channel delay
0 kHz to 15 kHz
540
µs
NOTES:
4. Ripple magnitude
5. Stopband



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com