Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 45 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 45 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 41Page - Texas Instruments TCM4300IPZ Datasheet HTML 42Page - Texas Instruments TCM4300IPZ Datasheet HTML 43Page - Texas Instruments TCM4300IPZ Datasheet HTML 44Page - Texas Instruments TCM4300IPZ Datasheet HTML 45Page - Texas Instruments TCM4300IPZ Datasheet HTML 46Page - Texas Instruments TCM4300IPZ Datasheet HTML 47Page - Texas Instruments TCM4300IPZ Datasheet HTML 48Page - Texas Instruments TCM4300IPZ Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
4–10
4.9
Auxiliary DACs, LCD Contrast Converter
Auxiliary DACs generate AFC, AGC and power control signals for the RF system. These three D/A
converters are updated when the corresponding data is received from the DSP. In fewer than 5
µs after the
corresponding registers are written to, the output has settled to within 1 LSB of its new value (see
Table 4–10).
Table 4–10. Auxiliary D/A Converters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AVDD > 3 V†,
AUXFS [1:0] = 00
0.2
2.5
Output range
AVDD > 4.5 V†,
AUXFS [1:0] = 10
0.2
4
V
AVDD > 5 V†,
AUXFS [1:0] = 11
0.2
4.5
Resolution AGC, AFC, PWRCONT
DACs
8
bits
Resolution LCDCONTR DAC
4
bits
Gain + offset error (full scale) AGC,
AFC, PWRCONT DAC
±3%
Gain + offset error (full scale)
LCDCONTR DAC
±7%
Differential nonlinearity
±0.75
±1
LSB
Integral nonlinearity
±0.75
±1
LSB
† Range settings depends only on AUXFS [1:0]. The supply voltage is not detected.
The LCDCONTR output is used by the microcontroller to adjust the contrast of the LCD. This converter is
a separate 4-bit DAC.
The auxiliary DACs can be powered down. The AGC and AFC DACs have dedicated bits in the MIntCtrl
register to enable the DACs. The PWRCONT DAC is enabled by the TXEN bit in the DStatCtrl register. The
LCDCONTR DAC is enabled when the LCDEN bit of the LCD D/A register clears to 0, the four data bits being
left justified. The AFC, AGC, and PWRCONT DACs are disabled after powerup or after a reset of the
TCM4300. After power up or reset, the default AUXFS[1:0] is 00. When the DACs are powered down, their
output terminals go to a high-impedance state and can tolerate any voltage present on the terminal that falls
within the supply range.
The slope and the corresponding output values for the auxiliary DACs are listed in Table 4–11 and
Table 4–12.
Table 4–11. Auxiliary D /A Converters Slope (AGC, AFC, PWRCONT)
AUXFS[1:0]
SETTING
SLOPE
NOMINAL LSB
VALUE
(V)
NOMINAL OUTPUT VOLTAGE
FOR DIGITAL CODE = 128
(MIDRANGE)
(V)
NOMINAL OUTPUT VOLTAGE
FOR DIGITAL CODE = 256†
(MAX VALUE)
(V)
00
2.5/256
0.0098
1.25
2.5
01
Do not
use
Do not use
Do not use
Do not use
10
4/256
0.0156
2
4
11
4.5/256
0.0176
2.25
4.5
† The maximum input code is 255. The value shown for 256 is extrapolated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com