Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 33 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 29Page - Texas Instruments TCM4300IPZ Datasheet HTML 30Page - Texas Instruments TCM4300IPZ Datasheet HTML 31Page - Texas Instruments TCM4300IPZ Datasheet HTML 32Page - Texas Instruments TCM4300IPZ Datasheet HTML 33Page - Texas Instruments TCM4300IPZ Datasheet HTML 34Page - Texas Instruments TCM4300IPZ Datasheet HTML 35Page - Texas Instruments TCM4300IPZ Datasheet HTML 36Page - Texas Instruments TCM4300IPZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
3–11
3.10 Switching Characteristics, TCM4300 to DSP Interface (Read Cycle) (see
Figure 3–10)
PARAMETER
ALTERNATE
SYMBOL
MIN
MAX
UNIT
tsu(R/W)
Setup time, read/write DSPRW stable before falling edge of
strobe DSPSTRBL
TRW(SU)
0
ns
th(R/W)
Hold time, read/write DSPRW stable after rising edge of
strobe DSPSTRBL
TRW(HO)
0
ns
tsu(CS)
Setup time, chip select stable DSPCSL before falling edge
of strobe DSPSTRBL
TCS(SU)
0
ns
th(CS)
Hold time, chip select DSPCSL stable after rising edge of
strobe DSPSTRBL
TCS(HO)
0
ns
tsu(RA)
Setup time, read address DSPA stable before strobe
DSPSTRBL goes low
TWA(SU)
0
ns
th(RA)
Hold time, read address DSPA stable after strobe
DSPSTRBL goes high
TWA(HO)
0
ns
ten(R)
Enable time, read data on falling edge of strobe DSPSTRBL
to TCM4300 driving data bus DSPD
TRD(EN)
0
ns
td(DV)
Delay read data valid time on falling edge of strobe
DSPSTRBL to valid data DSPD
TRD(DV)
50
ns
th(R)
Hold time, read data DSPD invalid after rising edge of
strobe DSPSTRBL
TRD(INV)
5
ns
tdis(R)
Disable time, read data. TCM4300 releases data bus after
rising edge of strobe DSPSTRBL
TRD(DIS)
12
ns
90%
10%
th(R)
DSPA
DSPSTRBL
DSPD
tsu(R / W)
10%
DSPCSL
DSPRW
tsu(CS)
th(CS)
th(RA)
tsu(RA)
10%
10%
90%
90%
90%
ten(R)
td(DV)
tdis(R)
th(R / W)
Figure 3–10. TCM4300 to DSP Interface (Read Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com