Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 29 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 29 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 25Page - Texas Instruments TCM4300IPZ Datasheet HTML 26Page - Texas Instruments TCM4300IPZ Datasheet HTML 27Page - Texas Instruments TCM4300IPZ Datasheet HTML 28Page - Texas Instruments TCM4300IPZ Datasheet HTML 29Page - Texas Instruments TCM4300IPZ Datasheet HTML 30Page - Texas Instruments TCM4300IPZ Datasheet HTML 31Page - Texas Instruments TCM4300IPZ Datasheet HTML 32Page - Texas Instruments TCM4300IPZ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
3–7
3.6
TCM4300 to Microcontroller Interface Timing Requirements (Motorola
16-Bit Read Cycle) (see Figure 3–6 and Note 4)
PARAMETER
ALTERNATE
SYMBOL
MIN
MAX
UNIT
tsu(R/W)
Setup time, read/write MCRW stable before falling edge of
strobe MCDS
TRW(SU)
0
ns
th(R/W)
Hold time, read/write MCRW stable after rising edge of
strobe MCDS
TRW(HO)
10
ns
tsu(RA)
Setup time, read address MCA stable before falling edge of
strobe MCDS
TRA(SU)
0
ns
th(RA)
Hold time, read address MCA stable after rising edge of
strobe MCDS
TRA(HO)
10
ns
ten(RD)
Enable time, read data on falling edge of strobe MCDS to
TCM4300 driving data bus MCD
TRD(EN)
10
ns
tv(RD)
Valid time, read data on falling edge of strobe MCDS to
valid data MCD
TRD(DV)
50
ns
tinv
Data (MCD) invalid after rising edge of strobe MCDS
TRD(INV)
10
ns
tdis(RD)
Disable time, read data. TCM4300 releases MCD data bus
after rising edge of strobe MCDS
TRD(DIS)
28
ns
th(CS)
Hold time, chip select MCCSH and MCCSL stable before
falling edge of strobe MCDS
TCS(HO)
0
ns
tsu(CS)
Setup time, chip select stable MCCSH and MCCSL before
rising edge of strobe MCDS
TCS(SU)
0
ns
NOTE 4: Timings are based upon Motorola 68HC000 (16.67 MHz) and Motorola 68302 (16 MHz).
MCA0–MCA4
MCD0–MCD7
MCDS
(see Note A)
MCRW
tsu(RA)
10%
90%
90%
10%
90%
90%
tsu(R / W)
th(RA)
tv(RD)
ten(RD)
tdis(RD)
tinv
tsu(CS)
th(CS)
MCCSH
MCCSL
90%
90%
10%
10%
NOTE A: Chip selection is defined as both MCCS and MCDS active.
th(R / W)
Figure 3–6. Microcontroller Interface Timing Requirements
(Motorola 16-Bit Read Cycle, MTS [1:0] = 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com