Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 63 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 63 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 59Page - Texas Instruments TCM4300IPZ Datasheet HTML 60Page - Texas Instruments TCM4300IPZ Datasheet HTML 61Page - Texas Instruments TCM4300IPZ Datasheet HTML 62Page - Texas Instruments TCM4300IPZ Datasheet HTML 63Page - Texas Instruments TCM4300IPZ Datasheet HTML 64Page - Texas Instruments TCM4300IPZ Datasheet HTML 65Page - Texas Instruments TCM4300IPZ Datasheet HTML 66Page - Texas Instruments TCM4300IPZ Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 69 page
background image
4–28
4.23 Reset
A low on RSINL causes the TCM4300 internal registers to assume their reset values. The power-on reset
circuit also causes internal reset. However, the logic level at RSINL has no effect on reset outputs RSOUTH
and RSOUTL. The effects of resetting the TCM4300 are described in the following paragraphs.
4.23.1
Power-On Reset
The power-on reset (POR) is digitally implemented and provides a timed POR signal at RSOUTL and
RSOUTH. The POR pulse duration is equal to 388,800 cycles of MCLKIN (10 ms). There are two outputs
to provide a high reset and a low reset in order to accommodate the reset polarity requirements of any
external device. The TCM4300 internal registers are reset when the POR outputs are activated. See
Figure 4–13.
tw
10 ms Minimum
90%
10%
90%
10%
DVDD
RSOUTH
RSOUTL
Figure 4–13. Power-On Reset Timing
4.23.2
Internal Reset State
After power-on reset, the TCM4300 register bits are initialized to the values shown in Table 4–23. The
synthesizer control terminals SYNCLK, SYNLE0, SYNLE1, SYNLE2, and SYNDTA are high after reset, and
the synthesizer interface circuit is in the stable idle state with no SYNCLK outputs.
Table 4–23. Power-On Reset Register Initialization
REGISTER NAME
BIT 9
8
7
6
5
4
3
2
1
0
DIntCtrl
0
1
0
0
0
r
r
r
r
r
DStatCtrl
0
0
0
0
0
0
0
0
0
0
MIntCtrl
0
0
0
0
0
0
0
r
MStatCtrl
ext
ext
1
1
0
0
0
0
MCClock
0
0
0
0
0
0
NOTE 6: r= reserved; ext= bit value from external terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com