Electronic Components Datasheet Search
  English  ▼

X  

TCM4300IPZ Datasheet(PDF) 56 Page - Texas Instruments

Part # TCM4300IPZ
Description  Advanced RF Cellular Telephone Interface Circuit (ARCTIC 田?
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCM4300IPZ Datasheet(HTML) 56 Page - Texas Instruments

Back Button TCM4300IPZ Datasheet HTML 52Page - Texas Instruments TCM4300IPZ Datasheet HTML 53Page - Texas Instruments TCM4300IPZ Datasheet HTML 54Page - Texas Instruments TCM4300IPZ Datasheet HTML 55Page - Texas Instruments TCM4300IPZ Datasheet HTML 56Page - Texas Instruments TCM4300IPZ Datasheet HTML 57Page - Texas Instruments TCM4300IPZ Datasheet HTML 58Page - Texas Instruments TCM4300IPZ Datasheet HTML 59Page - Texas Instruments TCM4300IPZ Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
4–21
4.15 Microcontroller Register Map
The microcontroller can access 17 locations within the TCM4300. The register locations are 8 bits wide as
shown in Table 4–16 and Table 4–17.
Table 4–16. Microcontroller Register Map
ADDR
NAME
D7
D6
D5
D4
D3
D2
D1
D0
00h
WBDCtrl
WBD_LCKD
WBD_ON
WBD_BW
Reserved
00h
WBD
MSB
LSB
01h
FIFO
MSB
FIFO A(B) Microcontroller to DSP (DSP to microcontroller)
LSB
02h
MIntCtrl
Clear WBD
Clear-F
Clear-D
Send-C
AGCEN
AFCEN
FMRXEN
Reserved
03h
SynData0
MSB
LSB
04h
SynData1
MSB
LSB
05h
SynData2
MSB
LSB
06h
SynData3
MSB
LSB
07h
SynCtrl0
SEL[2:0]
LOWVAL
08h
SynCtrl1
Reserved
MSB/LSB
FIRST
HIGHVAL
09h
SynCtrl2
Reserved
CLKPOL
NUMCLKS
0Ah
MCClock
Reserved
MSB
LSB
0Bh
RSSI A/D
MSB
LSB
0Ch
BAT A/D
MSB
LSB
0Dh
LCD D/A
MSB
LSD
Reserved
LCDEN
0Eh
MStatCtrl
SYNOL
TXONIND
SYNRDY
MCLKEN
CVRDY
AuxFS1
AuxFS0
MPAEN
0Fh
TXI Offset
Reserved
Sign
MSB
LSB
10h
TXQ Offset
Reserved
Sign
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com