Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 134 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 134 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 138Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
134
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
SW Reset
and ID
15:0
SW_RST_DEV_ID1
[15:0]
1000_1001_0000_0011 Writing to this register resets all
registers to their default state.
Reading from this register will
indicate Device ID 8903h.
Register 00h SW Reset and ID
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Revision
Number
3:0
CHIP_REV [3:0]
0010
Reading from this register will indicate the Revision
ID.
(Read-Only Register)
Register 01h Revision Number
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Bias Control
0
4
POBCTRL
1
Selects the bias current source for output
amplifiers and VMID buffer
0 = Default bias
1 = Start-Up bias
3:2
ISEL [1:0]
10
Master Bias control
00 = Normal bias x 0.5
01 = Normal bias x 0.75
10 = Normal bias
11 = Normal bias x 1.5
1
STARTUP_BIAS_ENA
0
Enables the Start-Up bias current generator
0 = Disabled
1 = Enabled
0
BIAS_ENA
0
Enables the Normal bias current generator (for
all analogue functions)
0 = Disabled
1 = Enabled
Register 04h Bias Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
VMID
Control 0
7
VMID_TIE_ENA
0
VMID buffer to Differential Lineouts
0 = Disabled
1 = Enabled
(only applies when relevant outputs are disabled, ie.
SPLK=0 or SPKR=0. Resistance is controlled by
VROI.)
6
BUFIO_ENA
0
VMID buffer to unused input and output pins.
0 = Disabled
1 = Enabled
5
VMID_IO_ENA
0
Enables the Start-Up bias current generator
0 = Disabled
1 = Enabled
(same functionality as STARTUP_BIAS_ENA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com