Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 138 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 138 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 142Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
138
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
Clock Rates
0
0
MCLKDIV2
0
Enables divide by 2 on MCLK
0 = CLK_SYS = MCLK
1 = CLK_SYS = MCLK / 2
Register 14h Clock Rates 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
Clock Rates
1
15
CLK_SRC_SEL
0
SYSCLK Source Select
0 = MCLK
1 = FLL output
13:10
CLK_SYS_RATE [3:0]
0011
CLK_SYS / Sample rate (fs) ratio
if CLK_SYS_MODE = 00 (256*fs related clocks)
0000 = 64*fs
0001 = 128*fs
0010 = 192*fs
0011 = 256*fs
0100 = 384*fs
0101 = 512*fs
0110 = 768*fs
0111 = 1024 *fs
1000 = 1408*fs
1001 = 1536*fs
1010 to 1111 = Reserved
if CLK_SYS_MODE = 01 (272*fs related clocks)
0000 = 68*fs
0001 = 136*fs
0010 = 204*fs
0011 = 272*fs
0100 = 408*fs
0101 = 544*fs
0110 = 816*fs
0111 = 1088 *fs
1000 = 1496*fs
1001 = 1632*fs
1010 to 1111 = Reserved
if CLK_SYS_MODE = 10 (250*fs related clocks)
0000 = 125*fs
0001 = 125*fs
0010 = 250*fs
0011 = 250*fs
0100 = 375*fs
0101 = 500*fs
0110 = 750*fs
0111 = 1000 *fs
1000 = 1000*fs
1001 = 1500*fs
1010 to 1111 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com