Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 137 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 137 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 141Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
137
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R15 (0Fh)
Power
Management
3
1
LINEOUTL_PGA_ENA
0
Left Line Output Enable
0 = disabled
1 = enabled
0
LINEOUTR_PGA_ENA
0
Right Line Output Enable
0 = disabled
1 = enabled
Register 0Fh Power Management 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16 (10h)
Power
Management
4
1
MIXSPKL_ENA
0
Left Speaker Mixer Enable
0 = disabled
1 = enabled
0
MIXSPKR_ENA
0
Right Speaker Mixer Enable
0 = disabled
1 = enabled
Register 10h Power Management 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
Power
Management
5
1
SPKL_ENA
0
Left Speaker Output Enable
0 = disabled
1 = enabled
0
SPKR_ENA
0
Right Speaker Output Enable
0 = disabled
1 = enabled
Register 11h Power Management 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
Power
Management
6
3
DACL_ENA
0
Left DAC Enable
0 = DAC disabled
1 = DAC enabled
2
DACR_ENA
0
Right DAC Enable
0 = DAC disabled
1 = DAC enabled
1
ADCL_ENA
0
Left ADC Enable
0 = disabled
1 = enabled
0
ADCR_ENA
0
Right ADC Enable
0 = disabled
1 = enabled
Register 12h Power Management 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com