Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 135 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 135 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 139Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
135
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:3
VMID_SOFT
[1:0]
00
VMID soft start enable / slew rate control
00 = Disabled
01 = Fast soft start
10 = Nominal soft start
11 = Slow soft start
2:1
VMID_RES [1:0]
00
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
0
VMID_BUF_ENA
0
VMID Buffer Enable
0 = Disabled
1 = Enabled
Register 05h VMID Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h) Mic
Bias Control
0
5:4
MICDET_THR [1:0]
00
MICBIAS Current Detect Insertion Threshold
00 = 0.063mA
01 = 0.26mA
10 = 0.45mA
11 = 0.635mA
Values are scaled with AVDD. Figures shown are
based on AVDD=1.8V.
3:2
MICSHORT_THR
[1:0]
00
MICBIAS Short Circuit Button Push Threshold
00 = 0.52mA
01 = 0.77mA
10 = 1.2mA
11 = 1.43mA
Values are scaled with AVDD. Figures shown are
based on AVDD=1.8V.
1
MICDET_ENA
0
MICBIAS Current and Short Circuit Detect Enable
0 = disabled
1 = enabled
0
MICBIAS_ENA
0
MICBIAS Enable
0 = disabled
1 = enabled
Register 06h Mic Bias Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Analogue
DAC 0
5
DAC_BIAS_BOOST
0
DAC Bias boost
0 = Disable
1 = Enable
When DAC Bias boost is enabled, the bias
selected by DACBIAS_SEL and
DACVMID_BIAS_SEL are both doubled.
4:3
DACBIAS_SEL [1:0]
00
DAC bias current select
00 = Normal bias
01 = Normal bias x 0.5
10 = Normal bias x 0.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com