Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 139 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 139 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 143Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
139
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9:8
CLK_SYS_MODE
[1:0]
00
CLK_SYS mode
00 = 256*fs related
01 = 272*fs related
10 = 250*fs related
11 = Reserved
3:0
SAMPLE_RATE [3:0]
1000
Selects the Sample Rate (fs)
0000 = 8kHz
0001 = 11.025kHz
0010 = 12kHz
0011 = 16kHz
0100 = 22.05kHz
0101 = 24kHz
0110 = 32kHz
0111 = 44.1kHz
1000 = 48kHz
1001 = 88.2kHz (Not available for Digital
Microphone. Not used for 88.2kHz ADC.)
1010 = 96kHz (Not available for Digital
Microphone. Not used for 96kHz ADC).
1011 to 1111 = Reserved
If the desired sample rate is not listed in this
table, then the closest alternative should be
chosen.
Register 15h Clock Rates 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
Clock Rates
2
2
CLK_SYS_ENA
0
System Clock enable
0 = Disabled
1 = Enabled
1
CLK_DSP_ENA
0
DSP Clock enable
0 = Disabled
1 = Enabled
0
TO_ENA
0
Zero Cross timeout enable
0 = Disabled
1 = Enabled
Register 16h Clock Rates 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Audio
Interface 0
12
DACL_DATINV
0
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
11
DACR_DATINV
0
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com