Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 136 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 136 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 140Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
136
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11 = Normal bias x 0.75
2:1
DACVMID_BIAS_SEL
[1:0]
00
DAC VMID buffer bias select
00 = Normal bias
01 = Normal bias x 0.5
10 = Normal bias x 0.66
11 = Normal bias x 0.75
Register 08h Analogue DAC 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
Analogue
ADC 0
0
ADC_OSR128
1
ADC Oversampling Ratio
0 = Low Power (64 x fs)
1 = High Performance (128 x fs)
Note that the Low Power options is not
supported when CLK_SYS_MODE=10
Register 10h Analogue ADC 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
Power
Management
0
1
INL_ENA
0
Left Input PGA Enable
0 = disabled
1 = enabled
0
INR_ENA
0
Right Input PGA Enable
0 = disabled
1 = enabled
Register 0Ch Power Management 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R13 (0Dh)
Power
Management
1
1
MIXOUTL_ENA
0
Left Output Mixer Enable
0 = disabled
1 = enabled
0
MIXOUTR_ENA
0
Right Output Mixer Enable
0 = disabled
1 = enabled
Register 0Dh Power Management 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14 (0Eh)
Power
Management
2
1
HPL_PGA_ENA
0
Left Headphone Output Enable
0 = disabled
1 = enabled
0
HPR_PGA_ENA
0
Right Headphone Output Enable
0 = disabled
1 = enabled
Register 0Eh Power Management 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com