Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 31Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 32Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 33Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 34Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 35Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 36Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 37Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 38Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
3. Memory
Rev.2.41
Jan 10, 2006
Page 33 of 96
REJ03B0001-0241
3.
Memory
Figure 3.1 is a Memory Map of the M16C/62P group. The address space extends the 1M bytes from address 00000h to
FFFFFh.
The internal ROM is allocated in a lower address direction beginning with address FFFFFh. For example, a 64-Kbyte
internal ROM is allocated to the addresses from F0000h to FFFFFh.
As for the flash memory version, 4-Kbyte space (block A) exists in 0F000h to 0FFFFh. 4-Kbyte space is mainly for
storing data. In addition to storing data, 4-Kbyte space also can store programs.
The fixed interrupt vector table is allocated to the addresses from FFFDCh to FFFFFh. Therefore, store the start
address of each interrupt routine here.
The internal RAM is allocated in an upper address direction beginning with address 00400h. For example, a 10-Kbyte
internal RAM is allocated to the addresses from 00400h to 02BFFh. In addition to storing data, the internal RAM also
stores the stack used when calling subroutines and when interrupts are generated.
The SRF is allocated to the addresses from 00000h to 003FFh. Peripheral function control registers are located here.
Of the SFR, any area which has no functions allocated is reserved for future use and cannot be used by users.
The special page vector table is allocated to the addresses from FFE00h to FFFDBh. This vector is used by the JMPS
or JSRS instruction. For details, refer to the M16C/60 and M16C/20 Series Software Manual.
In memory expansion and microprocessor modes, some areas are reserved for future use and cannot be used by users.
Use M16C/62P (80-pin version) and M16C/62PT in single-chip mode. The memory expansion and microprocessor
modes cannot be used
.
Figure 3.1
Memory Map
00000h
XXXXXh
External area
Internal ROM
(program area) (5)
SFR
Internal RAM
Reserved area (1)
Reserved area (2)
FFFDCh
NOTES:
1. During memory expansion and microprocessor modes, can be used.
2. In memory expansion mode, can be used.
3. As for the flash memory version, 4-Kbyte space (block A) exists.
4. Shown here is a memory map for the case where the PM10 bit in the PM1 register is “1”
and the PM13 bit in the PM1 register is “1”.
5. When using the masked ROM version, write nothing to internal ROM area.
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer
Reset
Special page
vector table
DBC
NMI
4 Kbytes
013FFh
02BFFh
017FFh
Address XXXXXh
033FFh
10 Kbytes
5 Kbytes
12 Kbytes
Size
Address YYYYYh
Size
F0000h
E8000h
F4000h
96 Kbytes
48 Kbytes
64 Kbytes
Reserved area
External area
00400h
10000h
27000h
28000h
80000h
YYYYYh
FFFFFh
E0000h
256 Kbytes
128 Kbytes
192 Kbytes
D0000h
320 Kbytes
C0000h
384 Kbytes
B0000h
A0000h
512 Kbytes
80000h
063FFh
053FFh
07FFFh
24 Kbytes
20 Kbytes
31 Kbytes
Internal RAM
Internal ROM (3)
043FFh
16 Kbytes
FFE00h
FFFFFh
Internal ROM
(data area) (3)
0FFFFh
0F000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com