Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 80Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 81Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 82Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 83Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 84Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 85Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 86Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 87Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 82 of 96
REJ03B0001-0241
5.2
Electrical Characteristics (M16C/62PT)
NOTES:
1. There is no external connections for port P1_0 to P1_7, P4_4 to P4_7, P7_2 to P7_5 and P9_1 in
80-pin version.
2. T version =
−40 to 85 °C, V version= −40 to 125 °C.
Table 5.49
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
VCC1, VCC2
Supply Voltage
VCC1=VCC2=AVCC
−0.3 to 6.5
V
AVCC
Analog Supply Voltage
VCC1=VCC2=AVCC
−0.3 to 6.5
V
VI
Input Voltage
RESET, CNVSS, BYTE,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P14_0, P14_1,
VREF, XIN
−0.3 to VCC1+0.3 (1)
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P12_0 to P12_7, P13_0 to P13_7
−0.3 to VCC2+0.3 (1)
V
P7_0, P7_1
−0.3 to 6.5
V
VO
Output Voltage
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P14_0, P14_1,
XOUT
−0.3 to VCC1+0.3 (1)
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P12_0 to P12_7, P13_0 to P13_7
−0.3 to VCC2+0.3 (1)
V
P7_0, P7_1
−0.3 to 6.5
V
Pd
Power Dissipation
−40°C<Topr≤85°C
300
mW
85
°C<Topr≤125°C
200
Topr
Operating
Ambient
Temperature
When the Microcomputer is Operating
−40 to 85 / −40 to 125
(2)
°C
Flash Program Erase
0 to 60
Tstg
Storage Temperature
−65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com