Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 81Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 82Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 83Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 84Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 85Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 86Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 87Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 88Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 83 of 96
REJ03B0001-0241
NOTES:
1.
Referenced to VCC1 = VCC2 = 4.7 to 5.5V at Topr =
−40 to 85°C / −40 to 125°C unless otherwise specified.
T version =
−40 to 85 °C, V version= −40 to 125 °C.
2.
The Average Output Current is the mean value within 100ms.
3.
The total IOL(peak) for ports P0, P1, P2, P8_6, P8_7, P9, P10 P1, P14_0 and P14_1 must be 80mA max. The total IOL(peak) for
ports P3, P4, P5, P6, P7, P8_0 to P8_4, P12, and P13 must be 80mA max. The total IOH(peak) for ports P0, P1, and P2 must
be
−40mA max. The total IOH(peak) for ports P3, P4, P5, P12, and P13 must be −40mA max. The total IOH(peak) for ports P6,
P7, and P8_0 to P8_4 must be
−40mA max. The total IOH(peak) for ports P8_6, P8_7, P9 , P10, P11, P14_0, and P14_1 must
be
−40mA max.
As for 80-pin version, the total IOL(peak) for all ports and IOH(peak) must be 80mA. max. due to one VCC and one VSS.
4.
There is no external connections for port P1_0 to P1_7, P4_4 to P4_7, P7_2 to P7_5 and P9_1 in 80-pin version.
Table 5.50
Recommended Operating Conditions (1) (1)
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
VCC1, VCC2
Supply Voltage (VCC1
= VCC2)
4.0
5.0
5.5
V
AVCC
Analog Supply Voltage
VCC1
V
VSS
Supply Voltage
0V
AVSS
Analog Supply Voltage
0
V
VIH
HIGH Input
Voltage (4)
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P12_0 to P12_7, P13_0 to P13_7
0.8VCC2
VCC2
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(during single-chip mode)
0.8VCC2
VCC2
V
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7, P11_0 to P11_7, P14_0, P14_1,
XIN, RESET, CNVSS, BYTE
0.8VCC1
VCC1
V
P7_0, P7_1
0.8VCC1
6.5
V
VIL
LOW Input
Voltage (4)
P3_1 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P12_0 to P12_7, P13_0 to P13_7
00.2VCC2
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
(during single-chip mode)
00.2VCC2
V
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7, P11_0 to P11_7, P14_0, P14_1,
XIN, RESET, CNVSS, BYTE
00.2VCC
V
IOH(peak)
HIGH Peak
Output Current
(4)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
−10.0
mA
IOH(avg)
HIGH Average
Output Current
(4)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
−5.0
mA
IOL(peak)
LOW Peak
Output Current
(4)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
10.0
mA
IOL(avg)
LOW Average
Output Current
(4)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7, P14_0, P14_1
5.0
mA
f(XIN)
Main Clock Input Oscillation Frequency
VCC1=4.0V to 5.5V
016
MHz
f(XCIN)
Sub-Clock Oscillation Frequency
32.768
50
kHz
f(Ring)
On-chip Oscillation Frequency
0.5
1
2
MHz
f(PLL)
PLL Clock Oscillation Frequency
VCC1=4.0V to 5.5V
10
24
MHz
f(BCLK)
CPU Operation Clock
0
24
MHz
tSU(PLL)
PLL Frequency Synthesizer Stabilization
Wait Time
VCC1=5.5V
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com