Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 78Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 79Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 80Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 81Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 82Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 83Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 84Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 85Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 80 of 96
REJ03B0001-0241
Figure 5.20
Timing Diagram (8)
Memory Expansion Mode, Microprocessor Mode
(For 2-wait setting, external area access and multiplex bus selection)
BCLK
CSi
td(BCLK-CS)
40ns.max
ADi
td(BCLK-AD)
40ns.max
ALE
th(BCLK-ALE)
-4ns.min
RD
40ns.max
th(BCLK-RD)
0ns.min
th(BCLK-AD)
4ns.min
th(BCLK-CS)
4ns.min
tcyc
th(RD-CS)
th(RD-AD)
BHE
ADi
/DBi
th(RD-DB)
0ns.min
td(AD-ALE)
Read timing
td(BCLK-WR)
40ns.max
th(BCLK-WR)
0ns.min
BCLK
CSi
td(BCLK-CS)
40ns.max
ADi
td(BCLK-AD)
40ns.max
ALE
40ns.max
th(BCLK-ALE)
-4ns.min
th(BCLK-AD)
4ns.min
th(BCLK-CS)
4ns.min
tcyc
th(WR-AD)
BHE
td(BCLK-DB)
50ns.max
4ns.min
th(BCLK-DB)
td(DB-WR)
th(WR-DB)
ADi
/DBi
Data output
WR,WRL,
WRH
Write timing
Address
(0.5
×tcyc-10)ns.min
Address
Data input
50ns.min
(0.5
×tcyc-10)ns.min
td(BCLK-ALE)
td(BCLK-RD)
(0.5
×tcyc-10)ns.min
th(WR-CS)
Address
td(AD-ALE)
(0.5
×tcyc-40)ns.min
(1.5
×tcyc-50)ns.min
(0.5
×tcyc-10)ns.min
td(BCLK-ALE)
(0.5
×tcyc-40)ns.min
Address
40ns.max
tsu(DB-RD)
tac3(RD-DB)
(0.5
×tcyc-10)ns.min
th(ALE-AD)
td(AD-RD)
0ns.min
tdZ(RD-AD)
8ns.max
td(AD-WR)
0ns.min
(1.5
×tcyc-60)ns.max
tcyc=
1
f(BCLK)
(0.5
×tcyc-15)ns.min
VCC1=VCC2=3V
Measuring conditions
· VCC1=VCC2=3V
· Input timing voltage : VIL=0.6V, VIH=2.4V
· Output timing voltage : VOL=1.5V, VOH=1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com