Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 82Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 83Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 84Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 85Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 86Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 87Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 88Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 89Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 84 of 96
REJ03B0001-0241
NOTES:
1.
Referenced to VCC1=AVCC=VREF=4.0 to 5.5V, VSS=AVSS=0V at Topr =
−40 to 85°C / −40 to 125°C unless otherwise specified.
T version =
−40 to 85°C, V version =−40 to 125°C
2.
φAD frequency must be 12 MHz or less.
3.
When sample & hold is disabled,
φAD frequency must be 250 kHz or more, in addition to the limitation in Note 2.
When sample & hold is enabled,
φAD frequency must be 1MHz or more, in addition to the limitation in Note 2.
NOTES:
1.
Referenced to VCC1=VREF=4.0 to 5.5V, VSS=AVSS=0V at Topr =
−40 to 85°C / −40 to 125°C unless otherwise specified. T
version =
−40 to 85°C, V version =−40 to 125°C
2.
This applies when using one D/A converter, with the D/A register for the unused D/A converter set to “00h”. The resistor
ladder of the A/D converter is not included. Also, when D/A register contents are not “00h”, the IVREF will flow even if Vref id
disconnected by the A/D control register.
Table 5.51
A/D Conversion Characteristics (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
−
Resolution
VREF=VCC1
10
Bits
INL
Integral Non-Linearity
Error
10bit
VREF=
VCC1=
5V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
±3
LSB
External operation amp
connection mode
±7
LSB
8bit
VREF=VCC1=5V
±2
LSB
−
Absolute Accuracy
10bit
VREF=
VCC1=
5V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
±3
LSB
External operation amp
connection mode
±7
LSB
8bit
VREF=VCC1=5V
±2
LSB
−
Tolerance Level Impedance
3
k
Ω
DNL
Differential Non-Linearity Error
±1
LSB
−
Offset Error
±3
LSB
−
Gain Error
±3
LSB
RLADDER
Ladder Resistance
VREF=VCC1
10
40
k
Ω
tCONV
10-bit Conversion Time, Sample & Hold
Function Available
VREF=VCC1=5V,
φAD=12MHz
2.75
µs
tCONV
8-bit Conversion Time, Sample & Hold
Function Available
VREF=VCC1=5V,
φAD=12MHz
2.33
µs
tSAMP
Sampling Time
0.25
µs
VREF
Reference Voltage
2.0
VCC1
V
VIA
Analog Input Voltage
0
VREF
V
Table 5.52
D/A Conversion Characteristics (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
−
Resolution
8Bits
−
Absolute Accuracy
1.0
%
tSU
Setup Time
3
µs
RO
Output Resistance
4
10
20
k
Ω
IVREF
Reference Power Supply Input Current
(NOTE 2)
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com