Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 66Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 67Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 68Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 69Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 70Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 71Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 72Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 73Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 68 of 96
REJ03B0001-0241
VCC1=VCC2=3V
Timing Requirements
(VCC1 = VCC2 = 3V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
Table 5.34
Timer A Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN Input Cycle Time
150
ns
tw(TAH)
TAiIN Input HIGH Pulse Width
60
ns
tw(TAL)
TAiIN Input LOW Pulse Width
60
ns
Table 5.35
Timer A Input (Gating Input in Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN Input Cycle Time
600
ns
tw(TAH)
TAiIN Input HIGH Pulse Width
300
ns
tw(TAL)
TAiIN Input LOW Pulse Width
300
ns
Table 5.36
Timer A Input (External Trigger Input in One-shot Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN Input Cycle Time
300
ns
tw(TAH)
TAiIN Input HIGH Pulse Width
150
ns
tw(TAL)
TAiIN Input LOW Pulse Width
150
ns
Table 5.37
Timer A Input (External Trigger Input in Pulse Width Modulation Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN Input HIGH Pulse Width
150
ns
tw(TAL)
TAiIN Input LOW Pulse Width
150
ns
Table 5.38
Timer A Input (Counter Increment/Decrement Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(UP)
TAiOUT Input Cycle Time
3000
ns
tw(UPH)
TAiOUT Input HIGH Pulse Width
1500
ns
tw(UPL)
TAiOUT Input LOW Pulse Width
1500
ns
tsu(UP-TIN)
TAiOUT Input Setup Time
600
ns
th(TIN-UP)
TAiOUT Input Hold Time
600
ns
Table 5.39
Timer A Input (Two-phase Pulse Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN Input Cycle Time
2
µs
tsu(TAIN-TAOUT)
TAiOUT Input Setup Time
500
ns
tsu(TAOUT-TAIN)
TAiIN Input Setup Time
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com