Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 70Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 71Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 72Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 73Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 74Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 75Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 76Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 77Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 72 of 96
REJ03B0001-0241
VCC1=VCC2=3V
Switching Characteristics
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
NOTES:
1.
Calculated according to the BCLK frequency as follows:
2.
Calculated according to the BCLK frequency as follows:
n is “2” for 2-wait setting, “3” for 3-wait setting.
3.
Calculated according to the BCLK frequency as follows:
4.
Calculated according to the BCLK frequency as follows:
Table 5.48
Memory Expansion and Microprocessor Modes (for 2- to 3-wait setting, external area
access and multiplex bus selection)
Symbol
Parameter
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address Output Delay Time
See
Figure 5.12
50
ns
th(BCLK-AD)
Address Output Hold Time (in relation to BCLK)
4
ns
th(RD-AD)
Address Output Hold Time (in relation to RD)
(NOTE 1)
ns
th(WR-AD)
Address Output Hold Time (in relation to WR)
(NOTE 1)
ns
td(BCLK-CS)
Chip Select Output Delay Time
50
ns
th(BCLK-CS)
Chip Select Output Hold Time (in relation to BCLK)
4
ns
th(RD-CS)
Chip Select Output Hold Time (in relation to RD)
(NOTE 1)
ns
th(WR-CS)
Chip Select Output Hold Time (in relation to WR)
(NOTE 1)
ns
td(BCLK-RD)
RD Signal Output Delay Time
40
ns
th(BCLK-RD)
RD Signal Output Hold Time
0
ns
td(BCLK-WR)
WR Signal Output Delay Time
40
ns
th(BCLK-WR)
WR Signal Output Hold Time
0
ns
td(BCLK-DB)
Data Output Delay Time (in relation to BCLK)
50
ns
th(BCLK-DB)
Data Output Hold Time (in relation to BCLK)
4
ns
td(DB-WR)
Data Output Delay Time (in relation to WR)
(NOTE 2)
ns
th(WR-DB)
Data Output Hold Time (in relation to WR)
(NOTE 1)
ns
td(BCLK-HLDA)
HLDA Output Delay Time
40
ns
td(BCLK-ALE)
ALE Signal Output Delay Time (in relation to BCLK)
25
ns
th(BCLK-ALE)
ALE Signal Output Hold Time (in relation to BCLK)
−4ns
td(AD-ALE)
ALE Signal Output Delay Time (in relation to Address)
(NOTE 3)
ns
th(AD-ALE)
ALE Signal Output Hold Time (in relation to Address)
(NOTE 4)
ns
td(AD-RD)
RD Signal Output Delay From the End of Address
0
ns
td(AD-WR)
WR Signal Output Delay From the End of Address
0
ns
tdz(RD-AD)
Address Output Floating Start Time
8
ns
0.5x10
9
fBCLK
()
------------------------10 ns
[]
–
0.5x10
9
fBCLK
()
------------------------
50 ns
[]
–
0.5x10
9
fBCLK
()
------------------------
40 ns
[]
–
0.5x10
9
fBCLK
()
------------------------15 ns
[]
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com