Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 50Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 51Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 52Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 53Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 54Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 55Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 56Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 57Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 52 of 96
REJ03B0001-0241
VCC1=VCC2=5V
Timing Requirements
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
Table 5.21
Timer B Input (Counter Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time (counted on one edge)
100
ns
tw(TBH)
TBiIN Input HIGH Pulse Width (counted on one edge)
40
ns
tw(TBL)
TBiIN Input LOW Pulse Width (counted on one edge)
40
ns
tc(TB)
TBiIN Input Cycle Time (counted on both edges)
200
ns
tw(TBH)
TBiIN Input HIGH Pulse Width (counted on both edges)
80
ns
tw(TBL)
TBiIN Input LOW Pulse Width (counted on both edges)
80
ns
Table 5.22
Timer B Input (Pulse Period Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time
400
ns
tw(TBH)
TBiIN Input HIGH Pulse Width
200
ns
tw(TBL)
TBiIN Input LOW Pulse Width
200
ns
Table 5.23
Timer B Input (Pulse Width Measurement Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TB)
TBiIN Input Cycle Time
400
ns
tw(TBH)
TBiIN Input HIGH Pulse Width
200
ns
tw(TBL)
TBiIN Input LOW Pulse Width
200
ns
Table 5.24
A/D Trigger Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(AD)
ADTRG Input Cycle Time
1000
ns
tw(ADL)
ADTRG input LOW Pulse Width
125
ns
Table 5.25
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi Input Cycle Time
200
ns
tw(CKH)
CLKi Input HIGH Pulse Width
100
ns
tw(CKL)
CLKi Input LOW Pulse Width
100
ns
td(C-Q)
TXDi Output Delay Time
80
ns
th(C-Q)
TXDi Hold Time
0
ns
tsu(D-C)
RXDi Input Setup Time
70
ns
th(C-D)
RXDi Input Hold Time
90
ns
Table 5.26
External Interrupt INTi Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(INH)
INTi Input HIGH Pulse Width
250
ns
tw(INL)
INTi Input LOW Pulse Width
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com