Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 48Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 49Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 50Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 51Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 52Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 53Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 54Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 55Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 50 of 96
REJ03B0001-0241
VCC1=VCC2=5V
Timing Requirements
(VCC1 = VCC2 = 5V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
NOTES:
1. The condition is VCC1=VCC2=3.0 to 5.0V.
NOTES:
1. Calculated according to the BCLK frequency as follows:
2. Calculated according to the BCLK frequency as follows:
n is ”2” for 1-wait setting, “3” for 2-wait setting and “4” for 3-wait setting.
3. Calculated according to the BCLK frequency as follows:
n is “2” for 2-wait setting, “3” for 3-wait setting.
Table 5.13
External Clock Input (XIN input) (1)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External Clock Input Cycle Time
62.5
ns
tw(H)
External Clock Input HIGH Pulse Width
25
ns
tw(L)
External Clock Input LOW Pulse Width
25
ns
tr
External Clock Rise Time
15
ns
tf
External Clock Fall Time
15
ns
Table 5.14
Memory Expansion Mode and Microprocessor Mode
Symbol
Parameter
Standard
Unit
Min.
Max.
tac1(RD-DB)
Data Input Access Time (for setting with no wait)
(NOTE 1)
ns
tac2(RD-DB)
Data Input Access Time (for setting with wait)
(NOTE 2)
ns
tac3(RD-DB)
Data Input Access Time (when accessing multiplex bus area)
(NOTE 3)
ns
tsu(DB-RD)
Data Input Setup Time
40
ns
tsu(RDY-BCLK)
RDY Input Setup Time
30
ns
tsu(HOLD-BCLK) HOLD Input Setup Time
40
ns
th(RD-DB)
Data Input Hold Time
0
ns
th(BCLK-RDY)
RDY Input Hold Time
0
ns
th(BCLK-HOLD)
HOLD Input Hold Time
0
ns
0.5x10
9
fBCLK
()
------------------------45 ns
[]
–
n0.5
–
()x10
9
fBCLK
()
-------------------------------------45 ns
[]
–
n0.5
–
()x10
9
fBCLK
()
-------------------------------------45 ns
[]
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com