Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 95Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 96Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 97Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 98Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 99Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 100Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 101Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 102Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 103Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 100 / 103 page
background image
C - 2
REVISION HISTORY
M16C/62P Group (M16C/62P, M16C/62PT) Hardware Manual
33
34,74
36
38,55
41
41-43,
58-60
44
Table 5.4 A-D Conversion Characteristics is revised.
Table 5.5 D-A Conversion Characteristics revised.
Table 5.6 to 5.7 and table 5.54 to 5.55 are revised.
Table 5.11 is revised.
Table 5.14 and 5.33 HLDA output deley time is deleted.
Figure 5.1 is partly revised.
Table 5.27 to 5.29 and table 5.46 to 48 HLDA output deley time is added.
Figure 5.2 Timing Diagram (1) XIN input is added.
47-48
49-50
52
53
58
61
64-65
66-67
69
70-85
Figure 5.5 to 5.6 Read timing DB
→ DBi
Figure 5.7 to 5.8 Write timing DB
→ DBi
Figure 5.10 DB
→ DBi
Table 5.30 is revised.
Figure 5.11 is partly revised.
Figure 5.12 Timing Diagram (1) XIN input is added.
Figure 5.15 to 5.16 Read timing DB
→ DBi
Figure 5.17 to 5.18 Write timing DB
→ DBi
Figure 5.20 DB
→ DBi
Electrical Characteristics (M16C/62PT) is added.
2.10
Nov 07, 2003
8-9
23
Table 1.5 to 1.7 Product List is partly revised. Note 1 is deleted.
Table 3.1 is revised.
71
72
Table 5.50 is revised.
Table 5.51 is deleted.
2.11
Jan 06, 2004
16
17-18
Table 1.9 NOTE 3 VCC1 VCC2
→ VCC1 > VCC2
Table 1.10 to 1.11 NOTE 1 VCC1 VCC2
→ VCC1 > VCC2
31
Table 5.2 Power Supply Ripple Allowable Frequency Unit MHz
→ kHz
2.30
Sep 01, 2004
12
18, 20
19,21
24
Table 1.9 and Figure 1.5 are added.
Table 1.11 to 1.13 are revised.
Table 1.12 to 1.14 are revised.
Figure 3.1 is partly revised.
25
33
34
35
37
Note 3 is added.
Note 6 is added.
Table 5.3 is revised.
Note 2 in Table 5.4 is added.
Table 5.5 to 5.6 is partly revised.
Table 5.8 is revised.
Table 5.9 is revised.
Table 5.11 is revised.
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com