Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 95Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 96Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 97Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 98Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 99Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 100Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 101Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 102Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 103Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
C - 3
REVISION HISTORY
M16C/62P Group (M16C/62P, M16C/62PT) Hardware Manual
40
57
70
72
73
74
76
79
Table 5.24 is partly revised.
Table 5.43 is partly revised.
Table 5.48 is partly revised.
Table 5.50 is partly revised.
Table 5.53 is partly revised.
Table 5.55 is revised.
Table 5.57 is partly revised.
Table 5.69 is partly revised.
2.41
Jan 01, 2006
-
voltage down detection reset -> brown-out detection Reset
2-4
Tables 1.1 to 1.3 Performance outline of M16C/62P group are partly
revised.
7
Table 1.4 Product List (1) is partly revised.
Note 1 is added.
8
Table 1.5 Product List (2) is partly revised.
Note 1, 2 and 3 are added.
9
Table 1.6 Product List (3) is partly revised.
Note 1 and 2 are added.
10
Table 1.7 Product List (4) is partly revised.
Note 1 and 2 are added.
11
Figure 1.3 Type No., Memory Size, Shows RAM capacity, and Package is
partly revised
12
Table 1.8 Product Code of Flash Memory version and ROMless version for
M16C/62P is partly revised.
13
Table 1.9 Product Code of Flash Memory version for M16C/62P is partly
revised.
14
Figure 1.6 Pin Configuration (Top View) is partly revised.
15-17 Tables 1.10 to 1.12 Pin Characteristics for 128-Pin Package are added.
18-19 Figure 1.7 and 1.8 Pin Configuration (Top View) are partly revised.
20-21 Tables 1.13 to 1.14 Pin Characteristics for 100-Pin Package are added.
22
Figure 1.9 Pin Configuration (Top View) is partly revised.
23-24 Tables 1.15 to 1.16 Pin Characteristics for 80-Pin Package are added.
25-29 Tables 1.17 to 1.21 are partly revised.
34
Note 4 of Table 4.1 SFR Information is partly revised.
43
Table 5.4 A/D Conversion Characteristics is partly revised.
45
Table 5.6 Flash Memory Version Electrical Characteristics for 100 cycle
products is partly revised.
Table 5.7 Flash Memory Version Electrical Characteristics for 10,000 cycle
products is partly revised.
Table 5.8 Flash Memory Version Program / Erase Voltage and Read
Operation Voltage Characteristics is partly revised.
46
Table 5.9 Low Voltage Detection Circuit Electrical Characteristics is partly
revised.
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com