Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 64Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 65Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 66Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 67Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 68Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 69Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 70Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 71Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 66 of 96
REJ03B0001-0241
NOTES:
1.
Referenced to VCC1=VCC2=2.7 to 3.3V, VSS = 0V at Topr =
−20 to 85°C / −40 to 85°C, f(BCLK)=10MHz unless otherwise
specified.
2.
With one timer operated using fC32.
3.
This indicates the memory in which the program to be executed exists.
4.
Idet is dissipation current when the following bit is set to “1” (detection circuit enabled).
Idet4: VC27 bit in the VCR2 register
Idet3: VC26 bit in the VCR2 register
Table 5.31
Electrical Characteristics (2) (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power Supply Current
(VCC1=VCC2=2.7V to 3.6V)
In single-chip
mode, the output
pins are open and
other pins are VSS
Mask ROM
f(BCLK)=10MHz
No division
811
mA
No division,
On-chip oscillation
1mA
Flash
Memory
f(BCLK)=10MHz,
No division
813
mA
No division,
On-chip oscillation
1.8
mA
Flash Memory
Program
f(BCLK)=10MHz,
VCC1=3.0V
12
mA
Flash Memory
Erase
f(BCLK)=10MHz,
VCC1=3.0V
22
mA
Mask ROM
f(XCIN)=32kHz
Low power dissipation
mode, ROM (3)
25
µA
Flash Memory
f(BCLK)=32kHz
Low power dissipation
mode, RAM (3)
25
µA
f(BCLK)=32kHz
Low power dissipation
mode, Flash Memory (3)
420
µA
On-chip oscillation,
Wait mode
45
µA
Mask ROM
Flash Memory
f(BCLK)=32kHz
Wait mode (2),
Oscillation capability High
6.0
µA
f(BCLK)=32kHz
Wait mode (2),
Oscillation capability Low
1.8
µA
Stop mode
Topr =25
°C
0.7
3.0
µA
Idet4
Low Voltage Detection Dissipation Current (4)
0.6
4
µA
Idet3
Reset Area Detection Dissipation Current (4)
0.4
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com