Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 6Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 7Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 8Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 9Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 10Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 11Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 12Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 13Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
1. Overview
Rev.2.41
Jan 10, 2006
Page 8 of 96
REJ03B0001-0241
(D): Under development
NOTES:
1. The old package type numbers of each package type are as follows.
PLQP0128KB-A : 128P6Q-A,
PRQP0100JB-A : 100P6S-A,
PLQP0100KB-A : 100P6Q-A,
PRQP0080JA-A : 80P6S-A
2. In the flash memory version, there is 4K bytes area (block A).
3. Please use M3062LFGPFP and M3062LFGPGP for your new system instead of M30624FGPFP
and M30624FGPGP. The M16C/62P Group (M16C/62P, M16C/62PT) hardware manual is still good
for M30624FGPFP and M30624FGPGP.
Table 1.5
Product List (2) (M16C/62P)
As of Dec. 2005
Type No.
ROM Capacity
RAM
Capacity
Package Type (1)
Remarks
M30622MHP-XXXFP
384 Kbytes
16 Kbytes
PRQP0100JB-A
Mask ROM version
M30622MHP-XXXGP
PLQP0100KB-A
M30623MHP-XXXGP
PLQP0128KB-A
M30624MHP-XXXFP
24 Kbytes
PRQP0100JB-A
M30624MHP-XXXGP
PLQP0100KB-A
M30625MHP-XXXGP
PLQP0128KB-A
M30626MHP-XXXFP
31 Kbytes
PRQP0100JB-A
M30626MHP-XXXGP
PLQP0100KB-A
M30627MHP-XXXGP
PLQP0128KB-A
M30626MJP-XXXFP
(D) 512 Kbytes
31 Kbytes
PRQP0100JB-A
M30626MJP-XXXGP
(D)
PLQP0100KB-A
M30627MJP-XXXGP
(D)
PLQP0128KB-A
M30622F8PFP
64K+4 Kbytes
4 Kbytes
PRQP0100JB-A
Flash memory
version (2)
M30622F8PGP
PLQP0100KB-A
M30623F8PGP
PRQP0080JA-A
M30620FCPFP
128K+4 Kbytes 10 Kbytes
PRQP0100JB-A
M30620FCPGP
PLQP0100KB-A
M30621FCPGP
PRQP0080JA-A
M3062LFGPFP(3)
(D) 256K+4 Kbytes 20 Kbytes
PRQP0100JB-A
M3062LFGPGP(3)
(D)
PLQP0100KB-A
M30625FGPGP
PLQP0128KB-A
M30626FHPFP
384K+4 Kbytes 31 Kbytes
PRQP0100JB-A
M30626FHPGP
PLQP0100KB-A
M30627FHPGP
PLQP0128KB-A
M30626FJPFP
512K+4 Kbytes 31 Kbytes
PRQP0100JB-A
M30626FJPGP
PLQP0100KB-A
M30627FJPGP
PLQP0128KB-A
M30622SPFP
−
4 Kbytes
PRQP0100JB-A
ROM-less version
M30622SPGP
PLQP0100KB-A
M30620SPFP
10 Kbytes
PRQP0100JB-A
M30620SPGP
PLQP0100KB-A
M30624SPFP
(D)
−
20 Kbytes
PRQP0100JB-A
M30624SPGP
(D)
PLQP0100KB-A
M30626SPFP
(D)
31 Kbytes
PRQP0100JB-A
M30626SPGP
(D)
PLQP0100KB-A
M30624FGPFP
256K+4 Kbytes 20 Kbytes
PRQP0100JB-A Flash memory version
M30624FGPGP
PLQP0100KB-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com