Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 26Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 27Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 28Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 29Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 30Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 31Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 32Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 33Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
1. Overview
Rev.2.41
Jan 10, 2006
Page 28 of 96
REJ03B0001-0241
I : Input
O : Output
I/O : Input and output
NOTES:
1. In this manual, hereafter, VCC refers to VCC1 unless otherwise noted.
2. In M16C/62PT, apply 4.0 to 5.5 V to the VCC1 pin.
3. Ask the oscillator maker the oscillation characteristic.
Table 1.20
Pin Description (80-pin Version) (1) (1)
Signal Name
Pin Name
I/O
Type
Power
Supply
Description
Power supply
input
VCC1, VSS
I
−
Apply 2.7 to 5.5 V to the VCC1 pin and 0 V to the VSS pin. (1, 2)
Analog power
supply input
AVCC
AVSS
I
VCC1
Applies the power supply for the A/D converter. Connect the
AVCC pin to VCC1. Connect the AVSS pin to VSS.
Reset input
RESET
IVCC1
The microcomputer is in a reset state when applying “L” to the this pin.
CNVSS
CNVSS
(BYTE)
IVCC1
Switches processor mode. Connect this pin to VSS to when after a
reset to start up in single-chip mode. Connect this pin to VCC1 to
start up in microprocessor mode. As for the BYTE pin of the 80-pin
versions, pull-up processing is performed within the microcomputer.
Main clock
input
XIN
I
VCC1
I/O pins for the main clock generation circuit. Connect a ceramic
resonator or crystal oscillator between XIN and XOUT (3). To use
the external clock, input the clock from XIN and leave XOUT
open.
Main clock
output
XOUT
O
VCC1
Sub clock input XCIN
I
VCC1
I/O pins for a sub clock oscillation circuit. Connect a crystal
oscillator between XCIN and XCOUT (3). To use the external
clock, input the clock from XCIN and leave XCOUT open.
Sub clock
output
XCOUT
O
VCC1
Clock output
CLKOUT
O
VCC2
The clock of the same cycle as fC, f8, or f32 is outputted.
INT interrupt
input
INT0 to INT2
I
VCC1
Input pins for the INT interrupt.
NMI interrupt
input
NMI
I
VCC1
Input pin for the NMI interrupt.
Key input
interrupt input
KI0 to KI3
I
VCC1
Input pins for the key input interrupt.
Timer A
TA0OUT,
TA3OUT,
TA4OUT
I/O
VCC1
These are Timer A0,Timer A3 and Timer A4 I/O pins. (however,
output of TA0OUT for the N-channel open drain output.)
TA0IN, TA3IN,
TA4IN
I
VCC1
These are Timer A0, Timer A3 and Timer A4 input pins.
ZP
I
VCC1
Input pin for the Z-phase.
Timer B
TB0IN, TB2IN
to TB5IN
I
VCC1
These are Timer B0, Timer B2 to Timer B5 input pins.
Serial interface CTS0 to CTS1
I
VCC1
These are send control input pins.
RTS0 to RTS1
O
VCC1
These are receive control output pins.
CLK0, CLK1,
CLK3, CLK4
I/O
VCC1
These are transfer clock I/O pins.
RXD0 to RXD2
I
VCC1
These are serial data input pins.
SIN4
I
VCC1
This is serial data input pin.
TXD0 to TXD2
O
VCC1
These are serial data output pins. (however, output of TXD2 for
the N-channel open drain output.)
SOUT3,
SOUT4
O
VCC1
These are serial data output pins.
CLKS1
O
VCC1
This is output pin for transfer clock output from multiple pins
function.
I2C mode
SDA0 to SDA2
I/O
VCC1
These are serial data I/O pins. (however, output of SDA2 for the
N-channel open drain output.)
SCL0 to SCL2
I/O
VCC1
These are transfer clock I/O pins. (however, output of SCL2 for
the N-channel open drain output.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com