Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 32Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 33Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 34Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 35Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 36Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 37Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 38Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 39Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
4. Special Function Register (SFR)
Rev.2.41
Jan 10, 2006
Page 34 of 96
REJ03B0001-0241
4.
Special Function Register (SFR)
SFR(Special Function Register) is the control register of peripheral functions. Tables 4.1 to 4.6 list the SFR
information.
NOTES:
1.
The blank areas are reserved and cannot be accessed by users.
2.
The PM00 and PM01 bits do not change at software reset, watchdog timer reset and oscillation stop detection reset.
3.
The CM20, CM21, and CM27 bits do not change at oscillation stop detection reset.
4.
The WDC5 bit is “0” (cold start) immediately after power-on. I t can only be set to “1” in a program.
5.
This register does not change at software reset, watchdog timer reset and oscillation stop detection reset.
6.
This register in M16C/62PT cannot be used.
X : Nothing is mapped to this bit
Table 4.1
SFR Information (1) (1)
Address
Register
Symbol
After Reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0 (2)
PM0
00000000b(CNVSS pin is
“L”)
00000011b(CNVSS pin is
“H”)
0005h
Processor Mode Register 1
PM1
00001000b
0006h
System Clock Control Register 0
CM0
01001000b
0007h
System Clock Control Register 1
CM1
00100000b
0008h
Chip Select Control Register (6)
CSR
00000001b
0009h
Address Match Interrupt Enable Register
AIER
XXXXXX00b
000Ah
Protect Register
PRCR
XX000000b
000Bh
Data Bank Register (6)
DBR
00h
000Ch
Oscillation Stop Detection Register (3)
CM2
0X000000b
000Dh
000Eh
Watchdog Timer Start Register
WDTS
XXh
000Fh
Watchdog Timer Control Register
WDC
00XXXXXXb (4)
0010h
Address Match Interrupt Register 0
RMAD0
00h
0011h
00h
0012h
X0h
0013h
0014h
Address Match Interrupt Register 1
RMAD1
00h
0015h
00h
0016h
X0h
0017h
0018h
0019h
Voltage Detection Register 1 (5, 6)
VCR1
00001000b
001Ah
Voltage Detection Register 2 (5, 6)
VCR2
00h
001Bh
Chip Select Expansion Control Register (6)
CSE
00h
001Ch
PLL Control Register 0
PLC0
0001X010b
001Dh
001Eh
Processor Mode Register 2
PM2
XXX00000b
001Fh
Low Voltage Detection Interrupt Register (6)
D4INT
00h
0020h
DMA0 Source Pointer
SAR0
XXh
0021h
XXh
0022h
XXh
0023h
0024h
DMA0 Destination Pointer
DAR0
XXh
0025h
XXh
0026h
XXh
0027h
0028h
DMA0 Transfer Counter
TCR0
XXh
0029h
XXh
002Ah
002Bh
002Ch
DMA0 Control Register
DM0CON
00000X00b
002Dh
002Eh
002Fh
0030h
DMA1 Source Pointer
SAR1
XXh
0031h
XXh
0032h
XXh
0033h
0034h
DMA1 Destination Pointer
DAR1
XXh
0035h
XXh
0036h
XXh
0037h
0038h
DMA1 Transfer Counter
TCR1
XXh
0039h
XXh
003Ah
003Bh
003Ch
DMA1 Control Register
DM1CON
00000X00b
003Dh
003Eh
003Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com