Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 35Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 36Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 37Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 38Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 39Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 40Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 41Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 42Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
4. Special Function Register (SFR)
Rev.2.41
Jan 10, 2006
Page 37 of 96
REJ03B0001-0241
NOTES:
1.
The blank areas are reserved and cannot be accessed by users.
X : Nothing is mapped to this bit
Table 4.4
SFR Information (4) (1)
Address
Register
Symbol
After Reset
0340h
Timer B3, 4, 5 Count Start Flag
TBSR
000XXXXXb
0341h
0342h
Timer A1-1 Register
TA11
XXh
0343h
XXh
0344h
Timer A2-1 Register
TA21
XXh
0345h
XXh
0346h
Timer A4-1 Register
TA41
XXh
0347h
XXh
0348h
Three-Phase PWM Control Register 0
INVC0
00h
0349h
Three-Phase PWM Control Register 1
INVC1
00h
034Ah
Three-Phase Output Buffer Register 0
IDB0
00h
034Bh
Three-Phase Output Buffer Register 1
IDB1
00h
034Ch
Dead Time Timer
DTT
XXh
034Dh
Timer B2 Interrupt Occurrence Frequency Set Counter
ICTB2
XXh
034Eh
034Fh
0350h
Timer B3 Register
TB3
XXh
0351h
XXh
0352h
Timer B4 Register
TB4
XXh
0353h
XXh
0354h
Timer B5 Register
TB5
XXh
0355h
XXh
0356h
0357h
0358h
0359h
035Ah
035Bh
Timer B3 Mode Register
TB3MR
00XX0000b
035Ch
Timer B4 Mode Register
TB4MR
00XX0000b
035Dh
Timer B5 Mode Register
TB5MR
00XX0000b
035Eh
Interrupt Factor Select Register 2
IFSR2A
00XXXXXXb
035Fh
Interrupt Factor Select Register
IFSR
00h
0360h
SI/O3 Transmit/Receive Register
S3TRR
XXh
0361h
0362h
SI/O3 Control Register
S3C
01000000b
0363h
SI/O3 Bit Rate Generator
S3BRG
XXh
0364h
SI/O4 Transmit/Receive Register
S4TRR
XXh
0365h
0366h
SI/O4 Control Register
S4C
01000000b
0367h
SI/O4 Bit Rate Generator
S4BRG
XXh
0368h
0369h
036Ah
036Bh
036Ch
UART0 Special Mode Register 4
U0SMR4
00h
036Dh
UART0 Special Mode Register 3
U0SMR3
000X0X0Xb
036Eh
UART0 Special Mode Register 2
U0SMR2
X0000000b
036Fh
UART0 Special Mode Register
U0SMR
X0000000b
0370h
UART1 Special Mode Register 4
U1SMR4
00h
0371h
UART1 Special Mode Register 3
U1SMR3
000X0X0Xb
0372h
UART1 Special Mode Register 2
U1SMR2
X0000000b
0373h
UART1 Special Mode Register
U1SMR
X0000000b
0374h
UART2 Special Mode Register 4
U2SMR4
00h
0375h
UART2 Special Mode Register 3
U2SMR3
000X0X0Xb
0376h
UART2 Special Mode Register 2
U2SMR2
X0000000b
0377h
UART2 Special Mode Register
U2SMR
X0000000b
0378h
UART2 Transmit/Receive Mode Register
U2MR
00h
0379h
UART2 Bit Rate Generator
U2BRG
XXh
037Ah
UART2 Transmit Buffer Register
U2TB
XXh
037Bh
XXh
037Ch
UART2 Transmit/Receive Control Register 0
U2C0
00001000b
037Dh
UART2 Transmit/Receive Control Register 1
U2C1
00000010b
037Eh
UART2 Receive Buffer Register
U2RB
XXh
037Fh
XXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com