| Electronic Components Datasheet Search |
|
M3062LFGPFP Datasheet(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M3062LFGPFP Datasheet(HTML) 29 Page - Renesas Technology Corp |
|
29 / 103 page ![]() M16C/62P Group (M16C/62P, M16C/62PT) 1. Overview Rev.2.41 Jan 10, 2006 Page 27 of 96 REJ03B0001-0241 I : Input O : Output I/O : Input and output NOTES: 1. When use VCC1 > VCC2, contacts due to some points or restrictions to be checked. 2. Ports P11 to P14 in M16C/62P (100-pin version) and M16C/62PT (100-pin version) cannot be used. Table 1.19 Pin Description (100-pin and 128-pin Version) (3) Signal Name Pin Name I/O Type Power Supply(1) Description Reference voltage input VREF I VCC1 Applies the reference voltage for the A/D converter and D/A converter. A/D converter AN0 to AN7, AN0_0 to AN0_7, AN2_0 to AN2_7 I VCC1 Analog input pins for the A/D converter. ADTRG I VCC1 This is an A/D trigger input pin. ANEX0 I/O VCC1 This is the extended analog input pin for the A/D converter, and is the output in external op-amp connection mode. ANEX1 I VCC1 This is the extended analog input pin for the A/D converter. D/A converter DA0, DA1 O VCC1 This is the output pin for the D/A converter. I/O port P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7, P12_0 to P12_7 (2), P13_0 to P13_7 (2) I/O VCC2 8-bit I/O ports in CMOS, having a direction register to select an input or output. Each pin is set as an input port or output port. An input port can be set for a pull-up or for no pull-up in 4-bit unit by program. P6_0 to P6_7, P7_0 to P7_7, P9_0 to P9_7, P10_0 to P10_7, P11_0 to P11_7 (2) I/O VCC1 8-bit I/O ports having equivalent functions to P0. (however, output of P7_0 and P7_1 for the N-channel open drain output.) P8_0 to P8_4, P8_6, P8_7, P14_0, P14_1(2) I/O VCC1 I/O ports having equivalent functions to P0. Input port P8_5 I VCC1 Input pin for the NMI interrupt. Pin states can be read by the P8_5 bit in the P8 register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |