Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 40Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 41Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 42Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 43Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 44Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 45Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 46Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 47Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 42 of 96
REJ03B0001-0241
NOTES:
1.
Referenced to VCC1 = VCC2 = 2.7 to 5.5V at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified.
2.
Relationship between main clock oscillation frequency, and supply voltage.
Table 5.3
Recommended Operating Conditions (2) (1)
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
f(XIN)
Main Clock Input Oscillation Frequency (2)
VCC1=3.0V to 5.5V
016
MHz
VCC1=2.7V to 3.0V
0
20×VCC1
−44
MHz
f(XCIN)
Sub-Clock Oscillation Frequency
32.768
50
kHz
f(Ring)
On-chip Oscillation Frequency
0.5
1
2
MHz
f(PLL)
PLL Clock Oscillation Frequency (2)
VCC1=3.0V to 5.5V
10
24
MHz
VCC1=2.7V to 3.0V
10
46.67×VCC1
−116
MHz
f(BCLK)
CPU Operation Clock
0
24
MHz
tSU(PLL)
PLL Frequency Synthesizer Stabilization
Wait Time
VCC1=5.5V
20
ms
VCC1=3.0V
50
ms
Main clock input oscillation frequency
16.0
0.0
VCC1[V] (main clock: no division)
5.5
3.0
10.0
2.7
20 x VCC1-44MHz
PLL clock oscillation frequency
24.0
0.0
VCC1[V] (PLL clock oscillation)
5.5
10.0
2.7
3.0
46.67 x VCC1-116MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com