Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 83Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 84Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 85Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 86Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 87Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 88Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 89Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 90Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 85 of 96
REJ03B0001-0241
NOTES:
1.
Referenced to VCC1=4.5 to 5.5V at Topr = 0 to 60
°C unless otherwise specified.
2.
n denotes the number of block erases.
3.
Program and Erase Endurance refers to the number of times a block erase can be performed.
If the program and erase endurance is n (n=100, 1,000, or 10,000), each block can be erased n times.
For example, if a 4 Kbytes block A is erased after writing 1 word data 2,048 times, each to a different address, this counts as
one program and erase endurance. Data cannot be written to the same address more than once without erasing the block.
(Rewrite prohibited)
4.
Maximum number of E/W cycles for which operation is guaranteed.
5.
Ta (ambient temperature)=55
°C. As to the data hold time except Ta=55 °C, please contact Renesas Technology Corp. or an
authorized Renesas Technology Corp. product distributor.
6.
Referenced to VCC1 = 4.5 to 5.5V at Topr =
−40 to 85 °C (B7, U7 (T version)) / −40 to 125 °C (B7, U7 (V version)) unless
otherwise specified.
7.
Table 5.54 applies for block A or block 1 program and erase endurance > 1,000. Otherwise, use Table 5.53.
8.
To reduce the number of program and erase endurance when working with systems requiring numerous rewrites, write to
unused word addresses within the block instead of rewrite. Erase block only after all possible addresses are used. For
example, an 8-word program can be written 256 times maximum before erase becomes necessary.
Maintaining an equal number of erasure between block A and block 1 will also improve efficiency. It is important to track the
total number of times erasure is used.
9.
Should erase error occur during block erase, attempt to execute clear status register command, then block erase command
at least three times until erase error disappears.
10. Set the PM17 bit in the PM1 register to “1” (wait state) when executing more than 100 times rewrites (B7 and U7).
11. Customers desiring E/W failure rate information should contact their Renesas technical support representative.
Table 5.53
Flash Memory Version Electrical Characteristics (1) for 100 cycle products (B, U)
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
−
Program and Erase Endurance (3)
100
cycle
−
Word Program Time (VCC1=5.0V
)
25
200
µs
−
Lock Bit Program Time
25
200
µs
−
Block Erase Time
(VCC1=5.0V
)
4-Kbyte block
4
0.3
4
s
−
8-Kbyte block
0.3
4
s
−
32-Kbyte block
0.5
4
s
−
64-Kbyte block
0.8
4
s
−
Erase All Unlocked Blocks Time (2)
4×n
s
tPS
Flash Memory Circuit Stabilization Wait Time
15
µs
−
Data Hold Time (5)
20
year
Table 5.54
Flash Memory Version Electrical Characteristics (6) for 10,000 cycle products (B7, U7)
(Block A and Block 1 (7))
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
−
Program and Erase Endurance (3, 8, 9)
10,000 (4)
cycle
−
Word Program Time (VCC1=5.0V
)
25
µs
−
Lock Bit Program Time
25
µs
−
Block Erase Time
(VCC1=5.0V
)
4-Kbyte block
4
0.3
s
tPS
Flash Memory Circuit Stabilization Wait Time
15
µs
−
Data Hold Time (5)
20
year
Table 5.55
Flash Memory Version Program/Erase Voltage and Read Operation Voltage
Characteristics (at Topr = 0 to 60
°C(B, U), Topr = −40 to 85 °C (B7, U7 (T version)) / −40
to 125
°C (B7, U7 (V version))
Flash Program, Erase Voltage
Flash Read Operation Voltage
VCC1 = 5.0 V ± 0.5 V
VCC1=4.0 to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com