Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 68Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 69Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 70Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 71Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 72Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 73Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 74Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 75Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 103 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 70 of 96
REJ03B0001-0241
VCC1=VCC2=3V
Switching Characteristics
(VCC1 = VCC2 = 3V, VSS = 0V, at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified)
NOTES:
1.
Calculated according to the BCLK frequency as follows:
f(BCLK) is 12.5MHz or less.
2.
Calculated according to the BCLK frequency as follows:
3.
This standard value shows the timing when the output is off, and
does not show hold time of data bus.
Hold time of data bus varies with capacitor volume and pull-up
(pull-down) resistance value.
Hold time of data bus is expressed in
t =
−CR X ln (1−VOL / VCC2)
by a circuit of the right figure.
For example, when VOL = 0.2VCC2, C = 30pF, R = 1k
Ω, hold time
of output ”L” level is
t =
−30pF X 1k Ω X In(1−0.2VCC2 / VCC2)
= 6.7ns.
Figure 5.12
Ports P0 to P14 Measurement Circuit
Table 5.46
Memory Expansion and Microprocessor Modes (for setting with no wait)
Symbol
Parameter
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address Output Delay Time
See
Figure 5.12
30
ns
th(BCLK-AD)
Address Output Hold Time (in relation to BCLK)
4
ns
th(RD-AD)
Address Output Hold Time (in relation to RD)
0
ns
th(WR-AD)
Address Output Hold Time (in relation to WR)
(NOTE 2)
ns
td(BCLK-CS)
Chip Select Output Delay Time
30
ns
th(BCLK-CS)
Chip Select Output Hold Time (in relation to BCLK)
4
ns
td(BCLK-ALE)
ALE Signal Output Delay Time
25
ns
th(BCLK-ALE)
ALE Signal Output Hold Time
−4ns
td(BCLK-RD)
RD Signal Output Delay Time
30
ns
th(BCLK-RD)
RD Signal Output Hold Time
0
ns
td(BCLK-WR)
WR Signal Output Delay Time
30
ns
th(BCLK-WR)
WR Signal Output Hold Time
0
ns
td(BCLK-DB)
Data Output Delay Time (in relation to BCLK)
40
ns
th(BCLK-DB)
Data Output Hold Time (in relation to BCLK) (3)
4ns
td(DB-WR)
Data Output Delay Time (in relation to WR)
(NOTE 1)
ns
th(WR-DB)
Data Output Hold Time (in relation to WR) (3)
(NOTE 2)
ns
td(BCLK-HLDA)
HLDA Output Delay Time
40
ns
0.5x10
9
fBCLK
()
------------------------40 ns
[]
–
0.5x10
9
fBCLK
()
------------------------10 ns
[]
–
DBi
R
C
P6
P7
P8
P10
P9
P0
P1
P2
P3
P4
P5
30pF
P11
P12
P13
P14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com