Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 42Page - Texas Instruments TLK105 Datasheet HTML 43Page - Texas Instruments TLK105 Datasheet HTML 44Page - Texas Instruments TLK105 Datasheet HTML 45Page - Texas Instruments TLK105 Datasheet HTML 46Page - Texas Instruments TLK105 Datasheet HTML 47Page - Texas Instruments TLK105 Datasheet HTML 48Page - Texas Instruments TLK105 Datasheet HTML 49Page - Texas Instruments TLK105 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
8.1.3
PHY Identifier Register 1 (PHYIDR1)
The PHY Identifier Registers 1 and 2 together form a unique identifier for the TLK10x. The identifier
consists of a concatenation of the Organizationally Unique Identifier (OUI), the vendor's model number
and the model revision number. A PHY may return a value of zero in each of the 32 bits of the PHY
Identifier if desired. The PHY Identifier is intended to support network management. The Texas
Instruments IEEE-assigned OUI is 080028h, implemented as Reg 0x2 [15:0] = OUI[21:6] = 2000(h) and
Reg 0x3 [15:10] = OUI[5:0] = A(h).
Table 8-6. PHY Identifier Register 1 (PHYIDR1), address 0x0002
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
OUI_MSB
<0010 0000 0000
OUI[21:6] = 2000(h): The most significant two bits of the OUI are ignored (the IEEE
0000>,
standard refers to these as bits 1 and 2).
RO/P
8.1.4
PHY Identifier Register 2 (PHYIDR2)
Table 8-7. PHY Identifier Register 2 (PHYIDR2), address 0x0003
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:10
OUI_LSB
<101000>,
OUI[5:0] = 28(h)
RO/P
9:4
VNDR_MDL
<100001>,
Vendor Model Number:
RO/P
The six bits of vendor model number are mapped from bits 9 to 4 (most significant bit to bit 9).
3:0
MDL_REV
<0001>, RO/P
Model Revision Number:
Four bits of the vendor model revision number are mapped from bits 3 to 0 (most significant bit to
bit 3). This field is incremented for all major device changes.
46
Register Block
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com