Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 1 Page - Texas Instruments

  TLK105 Datasheet HTML 1Page - Texas Instruments TLK105 Datasheet HTML 2Page - Texas Instruments TLK105 Datasheet HTML 3Page - Texas Instruments TLK105 Datasheet HTML 4Page - Texas Instruments TLK105 Datasheet HTML 5Page - Texas Instruments TLK105 Datasheet HTML 6Page - Texas Instruments TLK105 Datasheet HTML 7Page - Texas Instruments TLK105 Datasheet HTML 8Page - Texas Instruments TLK105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
TLK10x
TLK105
TLK106
www.ti.com
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
Check for Samples: TLK105, TLK106
1
Introduction
1.1
Features
1
• Low Power Consumption: <205mW PHY and
• Error-Free Operation up to 150 Meters Under
275mW with Center Tap (Typical)
Typical Conditions
• Cable Diagnostics (TLK106)
• Integrated ANSI X3.263 Compliant TP-PMD
Physical Sublayer with Adaptive Equalization
• Programmable Fast Link Down Modes, <10µs
and Baseline Wander Compensation
reaction time
• Programmable LED Support: Link, Activity
• Fixed TX Clock to XI, with programmable phase
shift
• 10/100Mbs Packet BIST (Built in Self Test)
• Programmable Power Back Off to reduce PHY
• Bus I/O Protection - ±16kV JEDEC HBM
power up to 20% in systems with shorter
• Enables implementation of IEEE1588 (V1 and
cables
V2) Time Stamping at the MAC
• 3.3V MAC Interface
• 32-pin QFN (5mm) × (5mm)
• Auto-MDIX for 10/100Mbs
• Energy Detection Mode
1.2
Applications
• MII and RMII Interfaces
•
Industrial Networks and Factory Automation
• Serial Management Interface
•
Real Time Industrial Ethernet Applications
• IEEE 802.3u MII
such as EtherCAT®, Ethernet/IP™, ProfiNET®,
• IEEE 802.3u Auto-Negotiation and Parallel
SERCOSIII and VARAN
Detection
•
Motor and Motion Control
• IEEE 802.3u ENDEC, 10Base-T
•
General Embedded Applications
Transceivers and Filters
• IEEE 802.3u PCS, 100Base-TX Transceivers
1.3
Device Overview
The TLK10x is a single-port Ethernet PHY for 10Base-T and 100Base TX signaling, integrating all the
physical-layer functions needed to transmit and receive data on standard twisted-pair cables. The device
supports the standard Media Independent Interface (MII) and Reduced Media Independent Interface
(RMII) for direct connection to a Media Access Controller (MAC).
The device is designed for power-supply flexibility, and can operate with a single 3.3V power supply or
with combinations of 3.3V and 1.55V power supplies for reduced power operation.
The TLK10x uses mixed-signal processing to perform equalization, data recovery, and error correction to
achieve robust operation over CAT 5 twisted-pair wiring. The TLK10x not only meets the requirements of
IEEE 802.3, but maintains high margins in terms of cross-talk and alien noise.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2012–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLK105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI1-TLK105 Datasheet
1Mb / 104P
TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105L TI1-TLK105L Datasheet
1Mb / 105P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105LRHBR TI1-TLK105LRHBR Datasheet
1Mb / 105P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105LRHBT TI1-TLK105LRHBT Datasheet
1Mb / 105P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105RHBR TI1-TLK105RHBR Datasheet
1Mb / 104P
TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
More results

Similar Description - TLK105

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
10/100Mbps Ethernet Physical Layer Single Chip Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105L TI1-TLK105L Datasheet
1Mb / 105P
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com