Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 20Page - Texas Instruments TLK105 Datasheet HTML 21Page - Texas Instruments TLK105 Datasheet HTML 22Page - Texas Instruments TLK105 Datasheet HTML 23Page - Texas Instruments TLK105 Datasheet HTML 24Page - Texas Instruments TLK105 Datasheet HTML 25Page - Texas Instruments TLK105 Datasheet HTML 26Page - Texas Instruments TLK105 Datasheet HTML 27Page - Texas Instruments TLK105 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
Scrambler
NRZ to NRZI
Convertor
MLT-3
encoding
D/A
Convertor
100Base TX
Line Driver
4B/5B
encoding
Manchester
encoding
10Base T
Line Driver
10Base T
Filter
Manchester
decoding
4B/5B
decoding
DeScrambler
NRZI to NRZ
Convertor
MLT-3
decoding
DSP (BLW
Correction,
Adapt. Equal)
ADC (Filter,
Amplifierl)
10Base T
Receive
Filter
Transmit
Receive
MII
100Base TX
10Base-T
Adv.
Link Monitor
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
5
Architecture
The TLK10x Fast Ethernet transceiver is a physical layer core for Ethernet 100Base-TX and 10Base-T
applications. The TLK10x contains all the active circuitry required to implement the physical layer functions
to transmit and receive data on standard CAT 3 and 5 unshielded twisted pair. The core supports the
IEEE 802.3 Standard Fast Media Independent Interface (MII), as well as the Reduced Media Independent
Interface (RMII), for direct connection to a MAC/Switch port.
The TLK10x uses mixed signal processing to perform equalization, data recovery and error correction to
achieve robust and low power operation over the existing CAT 5 twisted pair wiring. The TLK10x
architecture not only meets the requirements of IEEE802.3, but maintains a high level of margin over the
IEEE requirements for NEXT, Alien and External noise.
Figure 5-1. PHY Architecture
5.1
100Base-TX Transmit Path
In 100Base-TX, the MAC feeds the 100Mbps transmit data in 4-bit wide nibbles through the MII interface.
The data is encoded into 5-bit code groups, encapsulated with control code symbols and serialized. The
control-code symbols indicate the start and end of the frame and code other information such as transmit
errors. When no data is available from the MAC, IDLE symbols are constantly transmitted. The serialized
bit stream is fed into a scrambler. The scrambled data stream passes through an NRZI encoder and then
through an MLT3 encoder. Finally, it is fed to the DAC and transmitted through one of the twisted pairs of
the cable.
5.1.1
MII Transmit Error Code Forwarding
According to IEEE 802.3:
“If TX_EN is de-asserted on an odd nibble boundary, PHY should extend TX_EN by one TX_CLK
cycle and behave as if TX_ER were asserted during that cycle”.
The TLK10x supports Error Forwarding in MII transmission from the MAC to the PHY. Error forwarding
allows adding information to the frame to be used as an error code between the 2 MACs. The error code
informs the receiving MAC on the link partner side of the reason for the error from the transmitting side. If
the MAC transmits an odd number of nibbles, an additional error nibble is added to the transmitted frame
just before the end of the transmission.
To turn off Transmit Error Forwarding, write to bit 1 of register CR2 (0x000A). If Error Forwarding is
disabled, delivered packets contain either odd or even numbers of nibbles.
In Figure 5-2, Error Code Forwarding functionality is illustrated. The wave diagram demonstrates MAC’s
transmitted signals in one side and MAC’s reception signals on link partner side.
24
Architecture
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com