Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 16Page - Texas Instruments TLK105 Datasheet HTML 17Page - Texas Instruments TLK105 Datasheet HTML 18Page - Texas Instruments TLK105 Datasheet HTML 19Page - Texas Instruments TLK105 Datasheet HTML 20Page - Texas Instruments TLK105 Datasheet HTML 21Page - Texas Instruments TLK105 Datasheet HTML 22Page - Texas Instruments TLK105 Datasheet HTML 23Page - Texas Instruments TLK105 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
4.3
Serial Management Interface
The Serial Management Interface (SMI), provides access to the TLK10x internal registers space for status
information and configuration. The SMI is compatible with IEEE802.3-2002 clause 22. The implemented
register set consists of all the registers required by the IEEE802.3-2002 in addition to several others,
providing additional visibility and controllability of the TLK10x device.
The SMI includes the MDC management clock input and the management MDIO data pin. The MDC clock
is sourced by the external management entity, also called Station (STA), and can run at maximum clock
rate of 25MHz. MDC is not expected to be continuous, and can be turned off by the external management
entity when the bus is idle.
The MDIO is sourced by the external management entity and by the PHY. The data on the MDIO pin is
latched on the rising edge of the MDC clock. The MDIO pin requires a pull-up resistor (2.2k
Ω) which,
during IDLE and turnaround, pulls MDIO high.
Up to 32 PHYs can share a common SMI bus. To distinguish between the PHYs, a 5-bit address is used.
During power-up reset, the TLK10x latches the PHYAD[4:0] configuration pins (Pin 29 to Pin 32) to
determine its address.
The management entity must not start an SMI transaction in the first cycle after power-up reset. To
maintain valid operation, the SMI bus should remain inactive at least one MDC cycle after hard reset is
de-asserted.
In normal MDIO transactions, the register address is taken directly from the management-frame reg_addr
field, thus allowing direct access to 32 16-bit registers (including those defined in IEEE802.3 and vendor
specific). The data field is used for both reading and writing. The Start code is indicated by a <01> pattern.
This pattern makes sure that the MDIO line transitions from the default idle line state. Turnaround is
defined as an idle bit time inserted between the Register Address field and the Data field. To avoid
contention during a read transaction, no device may actively drive the MDIO signal during the first bit of
Turnaround. The addressed TLK10x drives the MDIO with a zero for the second bit of turnaround and
follows this with the required data. Figure 4-3 shows the timing relationship between MDC and the MDIO
as driven/received by the Station (STA) and the TLK10x (PHY) for a typical register read access.
20
Interfaces
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com