Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 3 Page - Texas Instruments

  TLK105 Datasheet HTML 1Page - Texas Instruments TLK105 Datasheet HTML 2Page - Texas Instruments TLK105 Datasheet HTML 3Page - Texas Instruments TLK105 Datasheet HTML 4Page - Texas Instruments TLK105 Datasheet HTML 5Page - Texas Instruments TLK105 Datasheet HTML 6Page - Texas Instruments TLK105 Datasheet HTML 7Page - Texas Instruments TLK105 Datasheet HTML 8Page - Texas Instruments TLK105 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
TLK105
TLK106
www.ti.com
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
1
Introduction
.............................................. 1
6.1
Hardware Reset
.................................... 33
1.1
Features
............................................. 1
6.2
Software Reset
..................................... 33
1.2
Applications
.......................................... 1
6.3
Power Down/Interrupt
.............................. 33
1.3
Device Overview
..................................... 1
6.4
Power Save Modes
................................. 34
2
Pin Descriptions
......................................... 4
7
Design Guidelines
..................................... 35
2.1
Pin Layout
........................................... 4
7.1
TPI Network Circuit
................................. 35
2.2
Serial Management Interface (SMI)
................. 5
7.2
Clock In (XI) Requirements
......................... 35
2.3
MAC Data Interface
.................................. 5
7.3
Thermal Vias Recommendation
.................... 37
2.4
10Mbs and 100Mbs PMD Interface
.................. 6
8
Register Block
......................................... 38
2.5
Clock Interface
....................................... 6
8.1
Register Definition
.................................. 43
2.6
LED Interface
........................................ 6
8.2
Extended Register Addressing
..................... 55
2.7
Reset and Power Down
............................. 6
8.3
PHY Status Register (PHYSTS)
................... 57
2.8
Power and Bias Connections
........................ 7
8.4
PHY Specific Control Register (PHYSCR)
......... 58
3
Hardware Configuration
............................... 7
8.5
MII Interrupt Status Register 1 (MISR1)
............ 59
3.1
Bootstrap Configuration
.............................. 7
8.6
MII Interrupt Status Register 2 (MISR2)
............ 60
3.2
Power Supply Configuration
......................... 8
8.7
False Carrier Sense Counter Register (FCSCR)
... 61
3.3
IO Pins Hi-Z State During Reset
..................... 9
8.8
Receiver Error Counter Register (RECR)
.......... 61
3.4
Auto-Negotiation
.................................... 10
8.9
BIST Control Register (BISCR)
.................... 61
3.5
Auto-MDIX
.......................................... 10
8.10
RMII Control and Status Register (RCSR)
......... 62
3.6
MII Isolate Mode
.................................... 11
8.11
LED Control Register (LEDCR)
.................... 64
3.7
PHY Address
....................................... 11
8.12
PHY Control Register (PHYCR)
.................... 64
3.8
LED Interface
....................................... 12
8.13
10Base-T Status/Control Register (10BTSCR)
.... 65
3.9
Loopback Functionality
............................. 13
8.14
BIST Control and Status Register 1 (BICSR1)
..... 65
3.10
BIST
................................................ 15
8.15
BIST Control and Status Register2 (BICSR2)
..... 66
3.11
Cable Diagnostics
.................................. 15
8.16
Cable Diagnostic Control Register (CDCR)
........ 67
4
Interfaces
................................................ 17
8.17
PHY Reset Control Register (PHYRCR)
........... 67
4.1
Media Independent Interface (MII)
................. 17
8.18
TX_CLK Phase Shift Register (TXCPSR)
.......... 67
4.2
Reduced Media Independent Interface (RMII)
..... 18
8.19
Voltage Regulator Control Register (VRCR)
....... 68
8.20
Cable Diagnostic Configuration/Result Registers
4.3
Serial Management Interface
....................... 20
(TLK106)
............................................ 68
5
Architecture
............................................. 24
9
Electrical Specifications
............................. 74
5.1
100Base-TX Transmit Path
......................... 24
9.1
ABSOLUTE MAXIMUM RATINGS
................. 74
5.2
100Base-TX Receive Path
......................... 27
9.2
RECOMMENDED OPERATING CONDITIONS
.... 74
5.3
10Base-T Receive Path
............................ 29
9.3
THERMAL CHARACTERISTICS
................... 74
5.4
Auto Negotiation
.................................... 30
9.4
DC CHARACTERISTICS
5.5
Link Down Functionality
............................ 31
9.5
POWER SUPPLY CHARACTERISTICS
6
Reset and Power Down Operation
................. 33
9.6
AC Specifications
Copyright © 2012–2013, Texas Instruments Incorporated
Contents
3
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com