Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 60Page - Texas Instruments TLK105 Datasheet HTML 61Page - Texas Instruments TLK105 Datasheet HTML 62Page - Texas Instruments TLK105 Datasheet HTML 63Page - Texas Instruments TLK105 Datasheet HTML 64Page - Texas Instruments TLK105 Datasheet HTML 65Page - Texas Instruments TLK105 Datasheet HTML 66Page - Texas Instruments TLK105 Datasheet HTML 67Page - Texas Instruments TLK105 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
8.11 LED Control Register (LEDCR)
This register provides the ability to directly manually control the Link LED output.
Table 8-26. LED Control Register (LEDCR), address 0x0018
BIT
NAME
DEFAULT
DESCRIPTION
15:11
RESERVED
<0000 0>, ro
RESERVED: Writes ignored, read as 0.
10:9
Blink Rate
<10>,RW
LED Blinking Rate (ON/OFF duration):
00 = 20Hz (50mSec)
01 = 10Hz (100mSec)
10 = 5Hz (200mSec)
11 = 2Hz (500mSec)
8
RESERVED
RO
RESERVED
7
LED Link Polarity
1, RW,
LED Link Polarity Setting:
Pin_Strap
1 = Active High polarity setting
0 = Active Low polarity setting
Link LED polarity defined by strapping value of this pin. This register allows
override of this strapping value.
6
RESERVED
RO
RESERVED
5
RESERVED
RO
RESERVED
4
Drive Link LED
0,RW
Drive LED Link to the forced On/Off setting defined in bit 1:
1 = Drive value of On/Off bit onto LED_LINK output pin
0 = Normal operation
3
RESERVED
RO
RESERVED
2
RESERVED
RO
RESERVED
1
Link LED On/Off Setting
0,RW
Value to force on Link LED output
0
RESERVED
RO
RESERVED
8.12 PHY Control Register (PHYCR)
This register provides the ability to control and set general functionality inside the PHY.
Table 8-27. PHY Control Register (PHYCR), address 0x0019
BIT
NAME
DEFAULT
DESCRIPTION
15
Auto MDI/X
1, RW,
Auto-MDIX Enable:
Enable
Pin_Strap
1 = Enable Auto-negotiation Auto-MDIX capability
0 = Disable Auto- negotiation Auto-MDIX capability
14
Force MDI/X
0, RW
Force MDIX:
1 = Force MDI pairs to cross. (Receive on TPTD pair, Transmit on TPRD pair)
0 = Normal operation. (Transmit on TPTD pair, Receive on TPRD pair)
13
Pause RX
0, RO
Pause Receive Negotiated Status: Indicates that pause receive should be enabled in the MAC.
Status
Based on bits [11:10] in ANAR register and bits [11:10] in ANLPAR register settings.
This function shall be enabled according to IEEE 802.3 Annex 28B Table 28B-3, “Pause
Resolution”, only if the Auto-Negotiated Highest Common Denominator is a full duplex technology.
12
Pause TX
0,RO
Pause Transmit Negotiated Status:
Status
Indicates that pause transmit should be enabled in the MAC. Based on bits [11:10] in ANAR register
and bits [11:10] in ANLPAR register settings.
This function shall be enabled according to IEEE 802.3 Annex 28B Table 28B-3, “Pause
Resolution”, only if the Auto-Negotiated Highest Common Denominator is a full duplex technology.
11
MI Link
0, RO
MII Link Status:
Status
1 = 100BT Full-duplex Link is active and it was established using Auto-Negotiation
0 = No active link of 100BT Full-duplex, established using Auto-Negotiation
10:8
RESERVED
<000>, RO
RESERVED: Writes ignored, read as 0.
7
Bypass LED
0, RW
Bypass LED Stretching:
Stretching
1 = Bypass LED stretching
0 = Normal LED operation
Set this bit to 1 to bypass the LED stretching; the LED reflects the internal value.
6
RESERVED
RO
RESERVED
64
Register Block
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com