Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 74Page - Texas Instruments TLK105 Datasheet HTML 75Page - Texas Instruments TLK105 Datasheet HTML 76Page - Texas Instruments TLK105 Datasheet HTML 77Page - Texas Instruments TLK105 Datasheet HTML 78Page - Texas Instruments TLK105 Datasheet HTML 79Page - Texas Instruments TLK105 Datasheet HTML 80Page - Texas Instruments TLK105 Datasheet HTML 81Page - Texas Instruments TLK105 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 99 page
background image
TX_CLK
TXD[3:0]
TX_EN
Valid Data
T0341-01
t
1
t
2
t
4
t
3
MDC
MDC
MDIO (Output)
MDIO (Input)
Valid Data
T0340-01
t
1
t
2
t
4
t
3
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
9.6.3
MII Serial Management Timing
Table 9-3. MII Serial Management Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
MDC Frequency
2.5
25
MHz
t2
MDC to MDIO (Output) Delay Time
0
30
ns
t3
MDIO (Input) to MDC Hold Time
10
ns
t4
MDIO (Input) to MDC Setup Time
10
ns
Figure 9-3. MII Serial Management Timing
9.6.4
100Mb/s MII Transmit Timing
Table 9-4. 100Mb/s MII Transmit Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
TX_CLK High Time
100Mbs Normal mode
16
20
24
ns
t2
TX_CLK Low Time
t3
TXD[3:0], TX_EN Data Setup to TX_CLK
100Mbs Normal mode
10
ns
t4
TXD[3:0], TX_EN Data Hold from TX_CLK
100Mbs Normal mode
0
ns
Figure 9-4. 100Mb/s MII Transmit Timing
78
Electrical Specifications
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com