Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 65Page - Texas Instruments TLK105 Datasheet HTML 66Page - Texas Instruments TLK105 Datasheet HTML 67Page - Texas Instruments TLK105 Datasheet HTML 68Page - Texas Instruments TLK105 Datasheet HTML 69Page - Texas Instruments TLK105 Datasheet HTML 70Page - Texas Instruments TLK105 Datasheet HTML 71Page - Texas Instruments TLK105 Datasheet HTML 72Page - Texas Instruments TLK105 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
TLK105
TLK106
www.ti.com
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
Table 8-36. Cable Diagnostic Specific Control Register (CDSCR), address 0x0170 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
14
Diagnostic Cross
0,RW
Cross TDR Diagnostic mode
Disable
1 = Disable TDR Cross mode – TDR will be executed in regular mode only
0 = Diagnostic of crossing pairs is enabled In Cross Diagnostic mode, the TDR mechanism
is looking for reflection on the other pair to check short between pairs.
13
Diagnostic TPTD
0,RW
TPTD Diagnostic Bypass
Bypass
1 = Bypass TPTD diagnostic. TDR on TPTD pair will not be executed.
0 = TDR is executed on TPTD pair
In bypass TPTD, results are available in TPRD slots.
12
Diagnostic TPRD
0,RO
TPRD Diagnostic Bypass
Bypass
1 = Bypass TPRD diagnostic. TDR on TPRD pair will not be executed.
0 = TDR is executed on TPRD pair
11
RESERVED
1,RW
RESERVED: Must be Set to 1.
10:8
Diagnostics Average
<110>,RW
Number Of TDR Cycles to Average:
Cycles
<000>: 1 TDR cycle
<001>: 2 TDR cycles
<010>: 4 TDR cycles
<011>: 8 TDR cycles
<100>: 16 TDR cycles
<101>: 32 TDR cycles
<110>: 64 TDR cycles (default)
<111>: Reserved
7:0
RESERVED
0,RO
RESERVED: Writes ignored, read as 0.
Table 8-37. Cable Diagnostic Specific Control Register 2 (CDSCR2), address 0x0171
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:4
RESERVED
<1100 1000 RESERVED: Ignore on read
0101>, RW
3:0
TDR pulse control
<0001>,
Configure expected self reflection in TDR
RW
Table 8-38. Cable Diagnostic Specific Control Register 3 (CDSCR3), address 0x0173
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:8
Cable length cfg
<1010
Configure duration of listening to detect long cable reflections
0000>, RW
7:0
RESERVED
<0001
RESERVED: Ignore on read
1110>, RW
Table 8-39. Cable Diagnostic Specific Control Register 4 (CDSCR4), address 0x0177
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:13
RESERVED
<000>, RW
RESERVED: Ignore on read
12:8
Short cables TH
<0 1101>,
TH to compensate for strong reflections in short cables
RW
7:0
RESERVED
<1001
RESERVED: Ignore on read
0110>, RW
8.20.3 Cable Diagnostic Location Results Register 1 (CDLRR1)
This register provides the peaks locations after execution of the TDR. The values of this register are valid
after reading 1 in Diagnostic Done bit 1 in register CDCR (0x1E).
Table 8-40. Cable Diagnostic Location Results Register 1 (CDLRR1), address 0x0180
BIT
NAME
DEFAULT
FUNCTION
15:8
TPTD Peak
<0000 0000>, RO
Location of the Second peak discovered by the TDR mechanism on Transmit Channel
Location 2
(TPTD). The value of these bits is translated into distance from the PHY
Copyright © 2012–2013, Texas Instruments Incorporated
Register Block
69
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com