Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 28Page - Texas Instruments TLK105 Datasheet HTML 29Page - Texas Instruments TLK105 Datasheet HTML 30Page - Texas Instruments TLK105 Datasheet HTML 31Page - Texas Instruments TLK105 Datasheet HTML 32Page - Texas Instruments TLK105 Datasheet HTML 33Page - Texas Instruments TLK105 Datasheet HTML 34Page - Texas Instruments TLK105 Datasheet HTML 35Page - Texas Instruments TLK105 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
Valid Data
LOW Quality Data / Link Loss
T1
First Link Failure
Occurrence
Link Drop
Signal
Link Loss
Indication
(Link LED)
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
Figure 5-3. TLK10x Link Loss Mechanism
As described in Figure 5-3, the TLK10x link loss mechanism is based on a time window search period, in
which the signal behavior is monitored. The T1 window is set by default to reduce typical link-drops to less
than 1ms.
The TLK10x supports enhanced modes that shorten the window called Fast Link Down mode. In this
mode, which can be configured in Control Register 3 (CR3), address 0x000B, bits 3:0, the T1 window is
shortened significantly, in most cases less than 10µs. In this period of time there are several criteria
allowed to generate link loss event and drop the link:
1. Count RX Error in the MII interface: When a predefined number of 32 RX Error occurrences in time
window of 10µs is reached the link will drop.
2. Count MLT3 Errors at the signal processing output (100BT uses MLT3 coding, and when a violation of
this coding is detected, an MLT3 error is declared). When a predefined number of 20 errors
occurrences in 10µs is reached the link will drop.
3. Count Low Signal Quality Threshold crossing (When the signal quality is under a certain threshold that
allows proper link conditions). When a predefined number of 20 occurrences in 10µs is reached, the
link will drop.
4. Signal/Energy loss indications. When Energy detector indicates Energy Loss, the link will be dropped.
Typical reaction time is 10µs.
The Fast Link Down functionality allows the use of each of these options separately or in any combination.
Note that since this mode enables extremely quick reaction time, it is more exposed to temporary bad link-
quality scenarios.
32
Architecture
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com