Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 15Page - Texas Instruments TLK105 Datasheet HTML 16Page - Texas Instruments TLK105 Datasheet HTML 17Page - Texas Instruments TLK105 Datasheet HTML 18Page - Texas Instruments TLK105 Datasheet HTML 19Page - Texas Instruments TLK105 Datasheet HTML 20Page - Texas Instruments TLK105 Datasheet HTML 21Page - Texas Instruments TLK105 Datasheet HTML 22Page - Texas Instruments TLK105 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 99 page
background image
PHY
MAC
TXD[1:0]
TX_EN
TX_EN
TXD[1:0]
RX_ER
RXD[1:0]
RX_DV (optional)
RX_DV
RX_ER
RXD[1:0]
CRS/RX_DV
CRS/RX_DV
XI
50MHz
Clock Source
RX_CLK (optional)
RX_CLK
TLK105
TLK106
www.ti.com
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
Figure 4-2. TLK10x RMII/MAC Connection
RMII function includes a programmable elastic buffer to adjust for the frequency differences between the
reference clock and the recovered receive clock. The programmable elastic buffer minimizes internal
propagation delay based on expected maximum packet size and clock accuracy.
Table 4-1 indicates how to program the buffer FIFO based on the expected max packet size and clock
accuracy. It assumes that the RMII reference clock and the far-end transmitter clock have the same
accuracy.
Table 4-1. Recommended RMII Packet Sizes
Recommended packet size at
Recommended packet size at
Start Threshold RBR[1:0]
Latency Tolerance
±50ppm
±100ppm
1(4-bits)
2 bits
2400 bytes
1200 bytes
2(8-bits)
6 bits
7200 bytes
3600 bytes
3(12-bits)
10 bits
12000 bytes
6000 bytes
0(16-bits)
14 bits
16800 bytes
8400 bytes
Copyright © 2012–2013, Texas Instruments Incorporated
Interfaces
19
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com