Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 70Page - Texas Instruments TLK105 Datasheet HTML 71Page - Texas Instruments TLK105 Datasheet HTML 72Page - Texas Instruments TLK105 Datasheet HTML 73Page - Texas Instruments TLK105 Datasheet HTML 74Page - Texas Instruments TLK105 Datasheet HTML 75Page - Texas Instruments TLK105 Datasheet HTML 76Page - Texas Instruments TLK105 Datasheet HTML 77Page - Texas Instruments TLK105 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
9
Electrical Specifications
All parameters are derived by test, statistical analysis, or design.
9.1
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VDD33_IO, AVDD33
Supply voltage
–0.3 to 3.8
V
PFBIN1, PFBIN2
–0.3 to 1.8
XI
DC Input voltage
–0.3 to 3.8
V
TD-, TD+, RD-, RD+
–0.3 to 6
Other Inputs
–0.3 to 3.8
XO
DC Output voltage
–0.3 to 3.8
V
Other outputs
–0.3 to 3.8
TJ
Maximum die temperature
125
°C
Human-Body
All pins(2)
±4
kV
Model
Ethernet network pins (TD+, TD-, RD+, RD-)(3)
±16
ESD
Charged-Device
All pins(4)
±750
V
Model
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Tested in accordance to JEDEC Standard 22, Test Method A114.
(3)
Test method based upon JEDEC Standard 22 Test Method A114, Ethernet network pins (TD+, TD-, RD+, RD-) pins stressed with
respect to GND.
(4)
Tested in accordance to JEDEC Standard 22, Test Method C101.
9.2
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD33_IO, AVDD33 I/O and Analog 3.3V Supply
3.0
3.3
3.6
V
PFBIN1, PFBIN2
Core Supply voltage
1.47
1.55
1.62
V
TA
Ambient
TLK105
–40
85
°C
temperature(1)
TLK106
–40
105
PD
Power dissipation(2)
270
mW
(1)
Provided that DOWN_PAD, pin 33, is soldered down. See Thermal Vias Recommendation for more detail.
(2)
For 100Base-TX, When internal 1.55V is used. Device is operated from single 3.3V supply only.
9.3
THERMAL CHARACTERISTICS
9.3.1
TLK105 32-Pin Industrial Device (85°C) Thermal Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
θJA
Junction-to-ambient thermal resistance (no airflow)
JEDEC high-K model
36.4
θJB
Junction-to-board thermal resistance
9.3
°C/W
θJC(Top)
Junction-to-case thermal resistance, Top
26.8
θJC(Bottom)
Junction-to-case thermal resistance, Bottom
1.7
9.3.2
TLK106 32-Pin Extended Temperature (105°C) Device Thermal Characteristics
74
Electrical Specifications
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com