Electronic Components Datasheet Search
  English  ▼

X  

TLK105 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK105 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLK105 Datasheet HTML 14Page - Texas Instruments TLK105 Datasheet HTML 15Page - Texas Instruments TLK105 Datasheet HTML 16Page - Texas Instruments TLK105 Datasheet HTML 17Page - Texas Instruments TLK105 Datasheet HTML 18Page - Texas Instruments TLK105 Datasheet HTML 19Page - Texas Instruments TLK105 Datasheet HTML 20Page - Texas Instruments TLK105 Datasheet HTML 21Page - Texas Instruments TLK105 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 99 page
background image
TLK105
TLK106
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
www.ti.com
4.2
Reduced Media Independent Interface (RMII)
TLK10x incorporates the Reduced Media Independent Interface (RMII) as specified in the RMII
specification (rev1.2) from the RMII consortium. The purpose of this interface is to provide a low cost
alternative to the IEEE 802.3u MII as specified in Clause 22. Architecturally, the RMII specification
provides an additional reconciliation layer on either side of the MII, but can be implemented in the absence
of an MII.
The RMII specification has the following characteristics:
•
Supports 10Mbs and 100Mbs data rates
•
Single clock reference sourced from the MAC to PHY (or from an external source)
•
Provides independent 2 bit wide (di-bit) transmit and receive data paths
•
Uses CMOS signal levels, the same levels as the MII interface
In this mode, data transfers two bits at a time using the 50MHz RMII reference clock for both transmit and
receive. RMII mode uses the following pins:
Signal
Pin
XI (RMII reference clock is 50MHz)
23
TXD_0
4
TXD_1
5
TX_EN
3
CRS_DV
27
RX_ER
28
RXD_0
30
RXD_1
31
Data on TXD [1:0] are latched at the PHY with reference to the reference-clock edges on the XI pin. Data
on RXD [1:0] are latched at the MAC with reference to the same reference clock edges on the XI pin. The
RMII operates at the same speed (50MHz) in both 10B-T and 100B-TX. In 10B-T the data is 10 times
slower than the reference clock, so transmit data is sampled every 10 clocks. Likewise, receive data is
generated on every 10th clock so that an attached MAC device can sample the data every 10 clocks.
In addition, RMII mode supplies an RX_DV signal which allows a simpler method of recovering receive
data without the need to separate RX_DV from the CRS_DV indication. RMII mode requires a 50MHz
oscillator to be connected to the device XI pin.
The TLK10x supports a special mode called “RMII receive clock” mode. This mode, which is not part of
the RMII specification, allows synchronization of the MAC-PHY RX interface. In this mode, the PHY
generates a recovered 50MHz clock through the RX_CLK pin and synchronizes the RXD[1:0], CRS_DV,
RX_DV and RX_ER signals to this clock. Setting register 0x000A bit [0] is required to activate this mode.
Figure 4-2 describes the RMII signals connectivity between the TLK10x and any MAC device.
18
Interfaces
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com